Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT86RF211DAI-R Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT86RF211DAI-R
Description  FSK Transceiver for ISM Radio Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF211DAI-R Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT86RF211DAI-R Datasheet HTML 24Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 25Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 26Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 27Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 28Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 29Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 30Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 31Page - ATMEL Corporation AT86RF211DAI-R Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
28
AT86RF211
1942C–WIRE–06/02
Notes:
1. The same ADC is used to measure RSSI or VCC voltage. When the VCC voltage is measured, the RSSI measurement is
stopped (previously measured RSSI is kept into STATUS Register). This can disturb the reception process (if a threshold is
used for DATAMSG validation). So, it is not recommended to measure V
CC in reception mode.
2. VCC measurement can not be done when the AT86RF211 is in power-down mode.
3. While in V
CC measurement, it is possible to measure the DC output of the discriminator.
4. Description of RSSI measurement with hysteresis mechanism: if the RSSI measurement is higher than the high RSSI level,
DATAMSG is validated (high RSSI level = TRSSI + HRSSI). If the RSSI measure is lower than the low RSSI level, DATA-
MSG is inhibited (low RSSI level = TRSSI - HRSSI). Between these two levels, DATAMSG validation depends on the
previous measurement.
Example:
TRSSI = 32 and HRSSI = 4 implies High RSSI level = 26 and Low RSSI level = 28
–
1
reserved, must be kept to reset value: 0
RXFS
2
RX frequency selection
(00)
2:F0
(10)
2:F2
(01)
2: F1
(11)
2:F3
reset value: (10)
2
XTALFQ
1
Crystal frequency
0: 10.245 MHz (when IF1 = 10.7 MHz)
1: 20.945 MHz (when IF1 = 21.4 MHz)
resetvalue:0
FSKBW
1
Discriminator range
0: Narrow Discriminator BW
1: Standard Discriminator BW
resetvalue:1
FSKPOL
1
Polarity of DATAMSG
0: inverted signal
1: direct signal
resetvalue:1
DSREF
1
Data Slicer reference voltage
0: external reference: SKFILT pin voltage
1: internal reference: DAC level voltage
resetvalue:1
–
1
reserved, must be kept to reset value: 0
–
1
reserved, must be kept to reset value: 0
MOFFSET
1
0: internal ADC sets to V
CC measurement
1: internal ADC sets to DISCOUT DC level measurement
resetvalue:0
–
1
reserved, must be kept to reset value: 0
MRSSI sequence
27323536
35
3229282725
RSSI level
NOK
NOK
NOK
OK
OK
OK
OK
OK
NOK
NOK
DATAMSG
valid
valid
valid
valid
valid
Table 6. CTRL1 Detailed Description(1)(2)(4)(3) (Continued)
Name
Number
of Bits
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com