Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87393F Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87393F
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87393F Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button PC87393F Datasheet HTML 20Page - National Semiconductor (TI) PC87393F Datasheet HTML 21Page - National Semiconductor (TI) PC87393F Datasheet HTML 22Page - National Semiconductor (TI) PC87393F Datasheet HTML 23Page - National Semiconductor (TI) PC87393F Datasheet HTML 24Page - National Semiconductor (TI) PC87393F Datasheet HTML 25Page - National Semiconductor (TI) PC87393F Datasheet HTML 26Page - National Semiconductor (TI) PC87393F Datasheet HTML 27Page - National Semiconductor (TI) PC87393F Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 148 page
background image
1.0 Signal/Pin Connection and Description (Continued)
24
www.national.com
1.6
INTERNAL PULL-UP AND PULL-DOWN RESISTORS
The signals listed in Table 4 can optionally support internal pull-up (PU) and/or pull-down (PD) resistors. See Section 9.3 for
the values of each resistor type.
Table 4. Internal Pull-Up and Pull-Down Resistors
XIOWR
82, 73
O
O3/6
VDD
I/O Write. Active (low) level indicates I/O write cycle on the X-Bus
Extension. This signal is for devices that require separate
read/write inputs for memory and I/O.
XD7-0
96, 97,
98, 99,
100, 1,
2, 3
I/O
INTS/O3/6
VDD
Data Bus
XA19-0
74-95
O
O3/6
VDD
Address Bus
XCS1-0
73, 72
O
O3/6
VDD
Chip Select. These signals control the selection of up to two
chips residing on the X-Bus Extension.
XSTB2-0
87, 90,
91
OO3/6
VDD
Assert Strobe. These signals control the selection of up to three
external latch devices for X-Bus Latched Address Mode
transactions.
XRDY
72, 35
I
INTS
VDD
I/O Ready. This signal indicates to the PC87393 to extend the
access cycles.
PIRQA-D
87-84
I
INTS
VDD
Parallel Interrupt. Convert parallel interrupts into serial interrupts
by means of the Interrupt Serializer (The interrupt number
associated with each signal is a part of the system configuration.)
Signal
Pin/s
Type
Comments
Game Port (GMP) (PC87393 and PC87393F)
JOYABTN0
PU25
Programmable
JOYABTN1
PU25
Programmable
JOYBBTN0
PU25
Programmable
JOYBBTN1
PU25
Programmable
General-Purpose Input/Output (GPIO) Ports
(PC87392, PC87393 and PC87393F)
GPIO00-07
PU25
Programmable
GPIO10-17
PU25
Programmable
GPIO20-27
PU25
Programmable
GPIO30-37
PU25
Programmable
Musical Instrument Digital Interface (MIDI) Port
(PC87393 and PC87393F)
MDRX
PU25
Programmable
Strap Configuration
BADDR
PD40
Strap
TEST
PD15
Strap
Signal
Pin/s
I/O Buffer Type Power Well
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com