Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87393F Datasheet(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87393F
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87393F Datasheet(HTML) 41 Page - National Semiconductor (TI)

Back Button PC87393F Datasheet HTML 37Page - National Semiconductor (TI) PC87393F Datasheet HTML 38Page - National Semiconductor (TI) PC87393F Datasheet HTML 39Page - National Semiconductor (TI) PC87393F Datasheet HTML 40Page - National Semiconductor (TI) PC87393F Datasheet HTML 41Page - National Semiconductor (TI) PC87393F Datasheet HTML 42Page - National Semiconductor (TI) PC87393F Datasheet HTML 43Page - National Semiconductor (TI) PC87393F Datasheet HTML 44Page - National Semiconductor (TI) PC87393F Datasheet HTML 45Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 148 page
background image
2.0 Device Architecture and Configuration (Continued)
41
www.national.com
2.10.5
SuperI/O Configuration 4 Register (SIOCF4)
Location:
Index 24h
Type:
R/W
Bit
76543210
Name
Pin 5
Function
Select
Pin 19
Function
Select
Pin 73
Function
Select
Pin 72
Function
Select
Pin 6
Function
Select
Reset
Strap
0
0
1
Strap
0
Bit
Description
7-6
Pin 5 Function Select1
Bits
Function
7 6
0 0
GPIO34 (default when XCNF2-0 is x00)
0 1
XRD (default for all XCNF2-0 values except x00)
1 0
WDO
1 1
Reserved
1.
In the PC87391, this pin is pulled up after reset by an internal pull-up resistor. Software should set this field as
appropriate to enable the required Legacy function.
5
Pin 19 Function Select1
0: GPIO35 (default)
1: SMI
4-3
Pin 73 Function Select1
Bits
Function
4 3
0 0
XIOWR
0 1
XCS1 (default)
1 0
MTR1 (signal output is inactive, 1, when PPM mode is enabled)
1 1
DRATE0
2-1
Pin 72 Function Select1
Bits
Function
2 1
0 0
GPIO25 (default when XCNF2-0 is x00)
0 1
XCS0 (default for all XCNF2-0 values except x00, 010 and 110)
1 0
XRDY (default when XCNF2-0 is 010 or 110)
1 1
DR1 (signal output is inactive, 1, when PPM mode is enabled)
0
Pin 6 Function Select1
0: GPIO36 (default)
1: CLKRUN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com