Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87393F Datasheet(PDF) 42 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87393F
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87393F Datasheet(HTML) 42 Page - National Semiconductor (TI)

Back Button PC87393F Datasheet HTML 38Page - National Semiconductor (TI) PC87393F Datasheet HTML 39Page - National Semiconductor (TI) PC87393F Datasheet HTML 40Page - National Semiconductor (TI) PC87393F Datasheet HTML 41Page - National Semiconductor (TI) PC87393F Datasheet HTML 42Page - National Semiconductor (TI) PC87393F Datasheet HTML 43Page - National Semiconductor (TI) PC87393F Datasheet HTML 44Page - National Semiconductor (TI) PC87393F Datasheet HTML 45Page - National Semiconductor (TI) PC87393F Datasheet HTML 46Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 148 page
background image
2.0 Device Architecture and Configuration (Continued)
42
www.national.com
2.10.6
SuperI/O Configuration 5 Register (SIOCF5)
Location:
Index 25h
Type:
Varies per bit
Bit
76543210
Name
PNF Status
Pin 35
Function
Select
SMI to IRQ2
Enable
Pin 34
Function
Select
PPM Power
Save Enable
Pin 71
Function
Select
Reset
10000000
Bit
Description
7
PNF Status. This bit describes the status of the PNF signal, which determines if Parallel Port of external FDD sig-
nals are selected by PPM mode. This is a RO bit.
0: Floppy Disk
1: Parallel Port (default)
6-5
Pin 35 Function Select. These are R/W bits.
Bits
Function
6 5
0 0
PPM disabled (default)
0 1
PNF signal selected as active low (high selects printer, low selects floppy)
1 0
PNF signal selected as active high (low selects printer, high selects floppy)
1 1
XRDY signal selected
4
SMI to IRQ2 Enable. This is a R/W bit.
0: Disabled (default)
1: Enabled
3
Pin 34 Function Select. This is a R/W bit.
0: DRATE0 (default)
1: IRSL2
2
PPM Power Save Enable
0: Disabled (default).
1: When PPM is active and PNF is 0 (bit 7 of this register), the FDC output pins and the Parallel Port output
pins are masked when the corresponding drive is not used.
1-0
Pin 71 Function Select.1 This is a R/W bit.
Bits
Function
1 0
0 0
GPIO37 (default)
0 1
DR1
1 0
IRSL2
1 1
XIORD
1.
In the PC87391, this pin is pulled up after reset by an internal pull-up resistor. Software should set this field as
appropriate to enable the required Legacy function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com