Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87393F Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87393F
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87393F Datasheet(HTML) 3 Page - National Semiconductor (TI)

  PC87393F Datasheet HTML 1Page - National Semiconductor (TI) PC87393F Datasheet HTML 2Page - National Semiconductor (TI) PC87393F Datasheet HTML 3Page - National Semiconductor (TI) PC87393F Datasheet HTML 4Page - National Semiconductor (TI) PC87393F Datasheet HTML 5Page - National Semiconductor (TI) PC87393F Datasheet HTML 6Page - National Semiconductor (TI) PC87393F Datasheet HTML 7Page - National Semiconductor (TI) PC87393F Datasheet HTML 8Page - National Semiconductor (TI) PC87393F Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 148 page
background image
3
Features (Continued)
www.national.com
• WATCHDOG Timer
— Times out the system based on user-programmable
time-out period
— System power-down capability for power saving
— User-defined trigger events to restart WATCHDOG
— Optional routing of WATCHDOG output on IRQ
and/or SMI lines
• Strap Configuration
— Base Address (BADDR) strap to determine the base
address of the Index-Data register pair
— Test strap to force the device into test mode (re-
served for National Semiconductor use)
— X-Bus straps (XCNF2-0) define the functionality of
the X-Bus at reset
Device-specific Information
The following table shows the main features for each device in the PC87393 family.
Function1
1.
This datasheet contains notes that are device-specific. These notes can be found
by searching for the specific device number.
PC87391
PC87392
PC87393
PC87393F
LPC System Interface
Interrupt Serializer
Musical Instrument Digital Interface (MIDI) Port
$$
Game Port
$$
X-Bus Extension
$$
FWH Emulation
$$$
PC99 and ACPI Compliant
Wake-Up Control
General-Purpose I/O (GPIO) Ports
$
Floppy Disk Controller (FDC)
IEEE 1284 compliant Parallel Port
Serial Port 1 (SP1)
Serial Port 2 with Fast Infrared (SP2 with FIR)
WATCHDOG Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com