Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87393F Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87393F
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87393F Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button PC87393F Datasheet HTML 30Page - National Semiconductor (TI) PC87393F Datasheet HTML 31Page - National Semiconductor (TI) PC87393F Datasheet HTML 32Page - National Semiconductor (TI) PC87393F Datasheet HTML 33Page - National Semiconductor (TI) PC87393F Datasheet HTML 34Page - National Semiconductor (TI) PC87393F Datasheet HTML 35Page - National Semiconductor (TI) PC87393F Datasheet HTML 36Page - National Semiconductor (TI) PC87393F Datasheet HTML 37Page - National Semiconductor (TI) PC87393F Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 148 page
background image
2.0 Device Architecture and Configuration (Continued)
34
www.national.com
2.4
INTERRUPT SERIALIZER
The Interrupt Serializer translates parallel interrupt request (PIRQ) signals received from external devices, via the PIRQn (n
can be A, B, C or D) pins and from internal IRQ sources, into serial interrupt request data transmitted over the SERIRQ bus.
This enables the integration of devices that support only parallel IRQs in a system which supports only serial IRQs.
PIRQ signals that enter the device or internal IRQs are fed into an IRQ Mapping, Enable, and Polarity Control block. This
block maps them to their associated IRQ slots. The IRQs are then fed into the Interrupt Serializer, where they are translated
into serial data and transmitted over the SERIRQ bus.
The PIRQn input value is routed to the Interrupt Serializer as the IRQ value to be driven onto IRQ slot n.
The same slot cannot be shared among different interrupt sources in this device.
When a transition is sensed on an IRQ source,the new value of the IRQ source is transmitted over the SERIRQ bus during
the corresponding IRQ slot. For example, when a transition on PIRQA is sensed, the new value of PIRQA is transmitted
during slot n of the SERIRQ bus.
Figure 4 shows the mechanism for both interrupt serialization and wake-up.
Figure 4. Interrupt Serialization and Wake-Up Mechanism
2.5
WAKE-UP CONTROL
The Wake-Up Control module receives the parallel interrupt request (PIRQn) signals from external devices and the IRQ sig-
nals from internal sources. It generates the PWUREQ system wake-up signal. All mapped IRQ signals, both internal and
external, enter the Wake-Up Enable Control block. If one of them becomes active and is enabled for wake-up, an active
PWUREQ signal is generated.
2.6
THE PARALLEL PORT MULTIPLEXER (PPM)
The Parallel Port Multiplexer (PPM) allows connection of an external Floppy Disk Drive (FDD) through the Parallel Port con-
nector (25-pin DIN) instead of, or in addition to, the internal FDD on the normal FDC header. This is done by turning the
Parallel Port pins into an additional set of FDC pins, while isolating them from Parallel Port functionality (see Section 1.4 for
a signal multiplexing description).
A printer, or any other parallel device, may be exchanged with an external FDD without turning the system off. The PPM
logic automatically detects whether a parallel device or the FDD is connected, and routes the Parallel Port pins to either the
Parallel Port or the FDC functional blocks accordingly. See Figure 5.
To enable PPM mode, set bits 6-5 (Pin 35 Function Select) of the SIOCF5 register to the values that represent the desired
configuration (see Section 2.10.6). The control of the connection, after enabling PPM mode, is done by bit SIOCF5[7] (PNF
status) of this register as follows:
q
PNF status = 1, PPM is inactive and the Parallel Port pins are assigned Parallel Port functionality
q
PNF status = 0, PPM is active and the Parallel Port pins are assigned FDC functionality.
The value of bit SIOCF5[7] is determine by the PNF pin signal and the PNF polarity setting (bits SIOCF5[6:5]).
When PPM mode is disabled (both bits 6-5 of the SIOCF5 register = 0), the Parallel Port pins are assigned Parallel Port
functionality, regardless of the value of PNF.
The internal FDD on the normal FDC pins, and the external FDD on the Parallel Port pins can be assigned as Drive A and
Drive B, respectively, or the drive assignment can be switched between them.
IRQ Mapping
and Polarity
Control
Internal
IRQ
Sources
Control
Signals
PIRQn
Interrupt
Serializer
Bus Interface
SERIRQ
IRQ1
IRQ15
PWUREQ
Wake-Up
Enable
Control
Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com