Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87393F Datasheet(PDF) 66 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87393F
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87393F Datasheet(HTML) 66 Page - National Semiconductor (TI)

Back Button PC87393F Datasheet HTML 62Page - National Semiconductor (TI) PC87393F Datasheet HTML 63Page - National Semiconductor (TI) PC87393F Datasheet HTML 64Page - National Semiconductor (TI) PC87393F Datasheet HTML 65Page - National Semiconductor (TI) PC87393F Datasheet HTML 66Page - National Semiconductor (TI) PC87393F Datasheet HTML 67Page - National Semiconductor (TI) PC87393F Datasheet HTML 68Page - National Semiconductor (TI) PC87393F Datasheet HTML 69Page - National Semiconductor (TI) PC87393F Datasheet HTML 70Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 148 page
background image
2.0 Device Architecture and Configuration (Continued)
66
www.national.com
2.19.3
X-Bus Memory Range Programming
LPC memory transactions and/or LPC-FWH transactions can be forwarded to the PC8739x X-Bus. The X-Bus Memory Con-
figuration register defines the address space to which the PC8739x responds. The XCNF2-0 strap inputs impact the default
setting of the X-Bus Memory Configuration register enable boot process from memories connected on the X-Bus. Two mem-
ory areas may be individually enabled: a user-defined zone, and BIOS memory (BIOS-LPC and/or BIOS-FWH spaces).
To enable BIOS support, set the XCNF2-0 strap inputs to select any of the BIOS modes (see Section 1.5.11 for details). The
PC8739x responds to LPC memory read and write transactions to/from the BIOS address spaces, shown in Table 29, as
long as BIOS LPC Enable (bit 0) of the X-Bus Memory Configuration register is set.
Table 29. BIOS-LPC Memory Space Definition
The PC8739x responds to LPC-FWH read and write transactions from/to the high memory address range (’386’ mode BIOS
range), shown in Table 29, as long as BIOS FWH Enable (bit 3) of the X-Bus Memory Configuration register is set.
Table 30. BIOS-FWH Memory Space Definition
Upon reset in BIOS enabled mode (XCNF
≠000), the BIOS LPC Enable bit is set and the BIOS FWH Enable bit is set. The
PC8739x automatically detects the type of host boot protocol in use via the first completed BIOS read operation after reset.
If the first read is an LPC memory read, the BIOS FWH Enable bit is cleared. If the first read is an LPC-FWH read, the BIOS
LPC Enable bit is cleared. Any other LPC or LPC-FWH transactions are ignored. The bits are cleared only by the first read
operation, allowing software to enable response to these address ranges by setting the bit. Figure 7 illustrates this behavior.
Figure 7. BIOS Mapping Enable Scheme
The User-Defined Memory Zone (UDMZ) is specified via a 32-bit start address. This address is formed by 8 bits of the X-
Bus Memory Base Address Low Byte register, 8 bits of the X-Bus Memory Base Address HIgh Byte register and 16 least
significant bits of 0. The size of the window is specified through the X-Bus Memory Size Configuration register. The zone
base address must be aligned to the block size.
The address used for the X-Bus transaction is the 28 least significant bits of the address bus. In read transactions, the data
read from the X-Bus is passed to the LPC bus. In write transactions, the data from the LPC is passed to the X-Bus.
2.19.4
X-Bus I/O Configuration Register
This register is reset by hardware to 00h.
Location:
Index F0h
Memory Address Range
Description
000E 0000h - 000E FFFFh
Extended BIOS Range (Legacy)
Only when Extended BIOS Enable bit in X-Bus Memory
Range Configuration register is set
000F 0000h - 000F FFFFh
BIOS Range (Legacy)
FFC0 0000h - FFFFF FFFh
386 mode BIOS Range.
This is the upper 4 Mbyte of the memory space
Memory Address Range
Description
FFC0 0000h - FFFFF FFFh
386 mode BIOS Range.
This is the upper 4 Mbyte of the memory space
Only hardware-controlled transitions
are shown. Other transitions are
possible via software writes to the bits.
Note:
BIOS FWH Enable =1
BIOS LPC Enable = 1
BIOS FWH Enable =1
BIOS LPC Enable = 0
BIOS FWH Enable =0
BIOS LPC Enable = 1
BIOS FWH Enable =0
BIOS LPC Enable = 0
First LPC FWH Read
RESET
XCNF[2-0] Disable BIOS
XCNF[2-0]
En
able
BIOS
First LPC Memory Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com