Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87393F Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87393F
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87393F Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button PC87393F Datasheet HTML 31Page - National Semiconductor (TI) PC87393F Datasheet HTML 32Page - National Semiconductor (TI) PC87393F Datasheet HTML 33Page - National Semiconductor (TI) PC87393F Datasheet HTML 34Page - National Semiconductor (TI) PC87393F Datasheet HTML 35Page - National Semiconductor (TI) PC87393F Datasheet HTML 36Page - National Semiconductor (TI) PC87393F Datasheet HTML 37Page - National Semiconductor (TI) PC87393F Datasheet HTML 38Page - National Semiconductor (TI) PC87393F Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 148 page
background image
2.0 Device Architecture and Configuration (Continued)
35
www.national.com
The Parallel Port pins function as an FDD interface for either drive 1 or drive 3. See Figure 5 for the internal routing between
the PPM and FDC, and the Parallel Port and FDC pin-sets when PPM mode is active. The FDC output signals are driven
simultaneously both on the normal FDC pins and on the corresponding Parallel Port pins. The FDC inputs are received from
the FDC pins when either drive 0 or drive 2 is selected, and from the corresponding Parallel Port pins when either drive 1 or
drive 3 is selected.
The Parallel Port output signals are isolated from the Parallel Port pins. The Parallel Port input signals, as reflected by the
STR register, assume one of two possible values ([BUSY, PE, SLCT, ACK] = 1001 or 1111), indicating that nothing is con-
nected to the Parallel Port. The default values are controlled by bit 2 of the Parallel Port Configuration register (see Section
2.12.3 for details).
PPM is in power save mode when PPM is active and the PPM power save mode bit is enabled.See Section 2.6.1 for details.
2.6.1
PPM Power Save Mode
PPM power save mode helps avoid the additional power consumption associated with driving two sets of FDD outputs by
limiting the activity to the selected drive only. PPM power save mode is enabled by bit 2 of the SIOCF5 register, and is in
effect only when the PPM is active. Assuming that the internal FDD (on the normal FDC pins) is drive 0, while the external
FDD (on the Parallel Port pins) is drive 1, the outputs of the non-selected drive do not toggle, but rather are frozen at their
inactive levels. Table 14 shows the behavior of the FDC outputs on both the FDC and Parallel Port pins when the PPM is
active and PPM power save mode is enabled.
Table 14. FDC Output Status in PPM Power Save Mode
DR0
Signal
DR1
Signal
FDC Outputs
FDC Pins
Parallel Port Pins
0
1
Functional
Frozen at inactive levels
1
0
Frozen at inactive levels
Functional
1
1
Functional
Functional
FDC
Parallel
FDC Inputs
1
0
Figure 5. PPM Routing
FDC Pins
Parallel Port Pins
1
0
Parallel Port Inputs
FDC Outputs
Outputs
1
0
PPM Active and
Drive 1 or 3 Selected
PPM in Power Save Mode
and Drive 1 Selected
Parallel Port Input Values
FDC Outputs
FDC Inputs
Default “Non-Connect”
Outputs Frozen
at Inactive Levels
Outputs Frozen
at Inactive Levels
PPM in Power Save Mode
and Drive 0 Selected
PPM Power Save
Port
Parallel Port
PPM Active
and bit 7 of SIOCF5 is ’0’ (PNF=0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com