Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87393F Datasheet(PDF) 91 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87393F
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87393F Datasheet(HTML) 91 Page - National Semiconductor (TI)

Back Button PC87393F Datasheet HTML 87Page - National Semiconductor (TI) PC87393F Datasheet HTML 88Page - National Semiconductor (TI) PC87393F Datasheet HTML 89Page - National Semiconductor (TI) PC87393F Datasheet HTML 90Page - National Semiconductor (TI) PC87393F Datasheet HTML 91Page - National Semiconductor (TI) PC87393F Datasheet HTML 92Page - National Semiconductor (TI) PC87393F Datasheet HTML 93Page - National Semiconductor (TI) PC87393F Datasheet HTML 94Page - National Semiconductor (TI) PC87393F Datasheet HTML 95Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 148 page
background image
5.0 Game Port (GMP) (Continued)
91
www.national.com
5.3.5
Game Port Interrupt Enable Register (GMPIEN)
This register defines the conditions on which the Game Port asserts its interrupt request signal.
This register is functional only in Enhanced mode.
Location:
Offset 03h
Type:
R/W
Bit
76543210
Name
Device B
Button 1
IRQ Enable
Device B
Button 0
IRQ Enable
Device A
Button 1
IRQ Enable
Device A
Button 0
IRQ Enable
Reserved
Position
IRQ Event
Definition
Device B
Position
IRQ Enable
Device A
Position
IRQ Enable
Reset
00000000
Bit
Description
7
Device B Button 1 IRQ Enable. When set to 1, the Game Port issues an interrupt request in response to an
event triggered by Button 1 of Device B. When set to 0, Button 1 of Device B cannot cause interrupt requests to
be issued.
0: Disabled (default)
1: Enabled
6
Device B Button 0 IRQ Enable. Same as bit 7 of this register, but for Device B Button 0.
0: Disabled (default)
1: Enabled
5
Device A Button 1 IRQ Enable. Same as bit 7 of this register, but for Device A Button 1.
0: Disabled (default)
1: Enabled
4
Device A Button 0 IRQ Enable. Same as bit 7 of this register, but for Device A Button 0.
0: Disabled (default)
1: Enabled
3
Reserved
2
Position IRQ Event Definition Defines the event on which the position IRQ is asserted for both game devices.
0: Both X-Position Counter and Y-Position Counter are ready
1: Either X-Position Counter or Y-Position Counter is ready
1
Device B Position IRQ Enable. When set to 1, the Game Port issues an interrupt request when the position
reading of Device B is completed and the position counters can be read. When set to 0, no interrupt request is
issued in response to any change in the status of Device B position counters.
0: Disabled (default)
1: Enabled
0
Device A Position IRQ Enable. Same as bit 2 of this register, but for Device A.
0: Disabled (default)
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com