Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87393F Datasheet(PDF) 71 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87393F
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87393F Datasheet(HTML) 71 Page - National Semiconductor (TI)

Back Button PC87393F Datasheet HTML 67Page - National Semiconductor (TI) PC87393F Datasheet HTML 68Page - National Semiconductor (TI) PC87393F Datasheet HTML 69Page - National Semiconductor (TI) PC87393F Datasheet HTML 70Page - National Semiconductor (TI) PC87393F Datasheet HTML 71Page - National Semiconductor (TI) PC87393F Datasheet HTML 72Page - National Semiconductor (TI) PC87393F Datasheet HTML 73Page - National Semiconductor (TI) PC87393F Datasheet HTML 74Page - National Semiconductor (TI) PC87393F Datasheet HTML 75Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 148 page
background image
2.0 Device Architecture and Configuration (Continued)
71
www.national.com
2.19.12 X-Bus PIRQA and PIRQB Mapping Register
This set of registers defines the mapping of the PIRQA and PIRQB signals.
Location:
Index F8h
Type:
R/W
2.19.13 X-Bus PIRQC and PIRQD Mapping Register
This set of registers defines the mapping of the PIRQC and PIRQD signals.
Location:
Index F9h
Type:
R/W
Bit
76543210
Name
PIRQB Mapping
PIRQA Mapping
Reset
00000000
Bit
Description
7-4
PIRQB Mapping. Defines to which host IRQ the PIRQB input is routed.
Bits
Function
3 2 1 0
0000
IRQ Disabled (default)
0001
IRQ1
...
1 1 1 1
IRQ 15
3-0
PIRQA Mapping. Defines to which host IRQ the PIRQA input is routed.
Bits
Function
3 2 1 0
0000
IRQ Disabled (default)
0001
IRQ1
...
1 1 1 1
IRQ 15
Bit
76543210
Name
PIRQD Mapping
PIRQC Mapping
Reset
00000000
Bit
Description
7-4
PIRQD Mapping. Defines to which host IRQ the PIRQD input is routed.
Bits
Function
3 2 1 0
0000
IRQ Disabled (default)
0001
IRQ1
...
1 1 1 1
IRQ 15
3-0
PIRQC Mapping. Defines to which host IRQ the PIRQC input is routed.
Bits
Function
3 2 1 0
0000
IRQ Disabled (default)
0001
IRQ1
...
1 1 1 1
IRQ 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com