Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD87392 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD87392
Description  3.3V TFT-LCD Timing Controller with Dual LVDS Inputs/Dual RSDS??Outputs for TFT-LCD Monitor and Notebook (SXGA/SXGA/UXGA)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD87392 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button FPD87392 Datasheet HTML 16Page - National Semiconductor (TI) FPD87392 Datasheet HTML 17Page - National Semiconductor (TI) FPD87392 Datasheet HTML 18Page - National Semiconductor (TI) FPD87392 Datasheet HTML 19Page - National Semiconductor (TI) FPD87392 Datasheet HTML 20Page - National Semiconductor (TI) FPD87392 Datasheet HTML 21Page - National Semiconductor (TI) FPD87392 Datasheet HTML 22Page - National Semiconductor (TI) FPD87392 Datasheet HTML 23Page - National Semiconductor (TI) FPD87392 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Input Signal Timing
Sync only mode, no DE inputted, is supported when the SYNC pin (Bonding Option pin) is enable high. Whenever DE signal is
inputted, it works as DE mode. In the DE mode, H-blank min is considered with Failure detection mode enabled. In the defaults
mode, T
valid_H should be subtracted in the table below.
Graphic
Mode
Sync Mode (Bonding Option)
DE Mode
Number of
Total
Horizontal
Lines in a
Frame
Number of
Total Pixel
Clocks
in a
Horizontal
Line
H-Timing (clocks)
V-Timing (lines)
H-Timing
(clocks)
V-Timing
(lines)
From
Sync
to Data
Total H-Timing
From
Sync
to Data
Total V-Timing
H-Blank
H-Blank
Detection
Typ
Min
Max
Typ
Min
Max
Min
Min
Typ
Typ
SXGA
248
1430
2047
38
1066
2047
150
2
1066
1688
SXGA+
128
1550
2047
12
1066
2047
150
2
1066
1688
UXGA
304
1804
4095
46
1250
2047
204
2
1250
2160
Note: H = Lines
Supports VESA Standard in SYNC Mode (B/O SYNC Pin = High)
SXGA
SXGA+
UXGA
Unit
Horizontal
WIDTH
1280
1400
1600
clock
HFP
48
48
64
clock
HSW
112
112
192
clock
HBP
248
128
304
clock
Vertical
HEIGHT
1024
1050
1200
Line
VFP
1
1
1
Line
VSW
3
3
3
Line
VBP
38
12
46
Line
20104317
FIGURE 17. Video Signal Format
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com