Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD87392 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD87392
Description  3.3V TFT-LCD Timing Controller with Dual LVDS Inputs/Dual RSDS??Outputs for TFT-LCD Monitor and Notebook (SXGA/SXGA/UXGA)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD87392 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button FPD87392 Datasheet HTML 14Page - National Semiconductor (TI) FPD87392 Datasheet HTML 15Page - National Semiconductor (TI) FPD87392 Datasheet HTML 16Page - National Semiconductor (TI) FPD87392 Datasheet HTML 17Page - National Semiconductor (TI) FPD87392 Datasheet HTML 18Page - National Semiconductor (TI) FPD87392 Datasheet HTML 19Page - National Semiconductor (TI) FPD87392 Datasheet HTML 20Page - National Semiconductor (TI) FPD87392 Datasheet HTML 21Page - National Semiconductor (TI) FPD87392 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Output Timing—TTL (Continued)
8–BIT RSDS Output Data Mapping
Pin
No.
DMAP2, DMAP1
Pin No.
DMAP2, DMAP1
00
01
10
11
00
01
10
11
Top Mount
Bottom Mount
Top Mount
Bottom Mount
47
R3P_F
R0N_F
B0N_B
B3P_B
78
R3P_B
R0N_B
B0N_F
B3P_F
48
R3N_F
R0P_F
B0P_B
B3N_B
79
R3N_B
R0P_B
B0P_F
B3N_F
49
R2P_F
R1N_F
B1N_B
B2P_B
80
R2P_B
R1N_B
B1N_F
B2P_F
50
R2N_F
R1P_F
B1P_B
B2N_B
81
R2N_B
R1P_B
B1P_F
B2N_F
51
R1P_F
R2N_F
B2N_B
B1P_B
82
R1P_B
R2N_B
B2N_F
B1P_F
52
R1N_F
R2P_F
B2P_B
B1N_B
83
R1N_B
R2P_B
B2P_F
B1N_F
53
R0P_F
R3N_F
B3N_B
B0P_B
84
R0P_B
R3N_B
B3N_F
B0P_F
54
R0N_F
R3P_F
B3P_B
B0N_B
85
R0N_B
R3P_B
B3P_F
B0N_F
56
G3P_F
G0N_F
G0N_B
G3P_B
87
G3P_B
G0N_B
G0N_F
G3P_F
57
G3N_F
G0P_F
G0P_B
G3N_B
88
G3N_B
G0P_B
G0P_F
G3N_F
58
G2P_F
G1N_F
G1N_B
G2P_B
89
G2P_B
G1N_B
G1N_F
G2P_F
59
G2N_F
G1P_F
G1P_B
G2N_B
90
G2N_B
G1P_B
G1P_F
G2N_F
60
G1P_F
G2N_F
G2N_B
G1P_B
91
G1P_B
G2N_B
G2N_F
G1P_F
61
G1N_F
G2P_F
G2P_B
G1N_B
92
G1N_B
G2P_B
G2P_F
G1N_F
62
G0P_F
G3N_F
G3N_B
G0P_B
93
G0P_B
G3N_B
G3N_F
G0P_F
63
G0N_F
G3P_F
G3P_B
G0N_B
94
G0N_B
G3P_B
G3P_F
G0N_F
65
CLKP_F
CLKP_B
95
CLKP_B
CLKP_F
66
CLKN_F
CLKN_B
96
CLKN_B
CLKN_F
67
B3P_F
B0N_F
R0N_B
R3P_B
98
B3P_B
B0N_B
R0N_F
R3P_F
68
B3N_F
B0P_F
R0P_B
R3N_B
99
B3N_B
B0P_B
R0P_F
R3N_F
69
B2P_F
B1N_F
R1N_B
R2P_B
100
B2P_B
B1N_B
R1N_F
R2P_F
70
B2N_F
B1P_F
R1P_B
R2N_B
101
B2N_B
B1P_B
R1P_F
R2N_F
71
B1P_F
B2N_F
R2N_B
R1P_B
102
B1P_B
B2N_B
R2N_F
R1P_F
72
B1N_F
B2P_F
R2P_B
R1N_B
103
B1N_B
B2P_B
R2P_F
R1N_F
73
B0P_F
B3N_F
R3N_B
R0P_B
104
B0P_B
B3N_B
R3N_F
R0P_F
74
B0N_F
B3P_F
R3P_B
R0N_B
105
B0N_B
B3P_B
R3P_F
R0N_F
107
STH_F
STH_B
108
STH_B
STH_F
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com