Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD87392 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD87392
Description  3.3V TFT-LCD Timing Controller with Dual LVDS Inputs/Dual RSDS??Outputs for TFT-LCD Monitor and Notebook (SXGA/SXGA/UXGA)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD87392 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  FPD87392 Datasheet HTML 1Page - National Semiconductor (TI) FPD87392 Datasheet HTML 2Page - National Semiconductor (TI) FPD87392 Datasheet HTML 3Page - National Semiconductor (TI) FPD87392 Datasheet HTML 4Page - National Semiconductor (TI) FPD87392 Datasheet HTML 5Page - National Semiconductor (TI) FPD87392 Datasheet HTML 6Page - National Semiconductor (TI) FPD87392 Datasheet HTML 7Page - National Semiconductor (TI) FPD87392 Datasheet HTML 8Page - National Semiconductor (TI) FPD87392 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
DC Electrical Characteristics
T
A = 0˚C to 70˚C, VDD = 3.0V to 3.6V, IPI = 100 µA (Unless otherwise specified) (Continued)
FPD-Link (LVDS) Receiver Input Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LVDS RECEIVER DC SPECIFICATIONS
Note: LVDS Receiver DC parameters are measured under static and steady state conditions which may not reflect the
actual performance in the end application.
V
THLVDS
Differential Input High Threshold
Voltage
V
CM = 1.2V
+100
mV
V
TLLVDS
Differential Input Low Threshold
Voltage
−100
mV
I
IN
Input Current
V
IN = 2.05V, VDD =
3.6V
±10
µA
V
IN = 0.55V, VDD =
3.6V
±10
µA
V
IN
Input Voltage Range (Single-ended)
V
DD = 3.0 – 3.6V
0.55
2.00
V
|V
ID|
Differential Input Voltage
0.100
0.600
V
V
CM
Common Mode Voltage Offset
V
DD = 3.0 – 3.6V
0.55 + |V
ID|/2
2.05 − |V
ID|/2
V
20104303
FIGURE 4. FPD-Link Receiver V
ID and VCM Definitions
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com