Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD87392 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD87392
Description  3.3V TFT-LCD Timing Controller with Dual LVDS Inputs/Dual RSDS??Outputs for TFT-LCD Monitor and Notebook (SXGA/SXGA/UXGA)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD87392 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button FPD87392 Datasheet HTML 3Page - National Semiconductor (TI) FPD87392 Datasheet HTML 4Page - National Semiconductor (TI) FPD87392 Datasheet HTML 5Page - National Semiconductor (TI) FPD87392 Datasheet HTML 6Page - National Semiconductor (TI) FPD87392 Datasheet HTML 7Page - National Semiconductor (TI) FPD87392 Datasheet HTML 8Page - National Semiconductor (TI) FPD87392 Datasheet HTML 9Page - National Semiconductor (TI) FPD87392 Datasheet HTML 10Page - National Semiconductor (TI) FPD87392 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
AC Electrical Characteristics
T
A = 0˚C to 70˚C, VDD = 3.0V to 3.6V, IPI = 100 µA (Unless otherwise specified)
LVDS Data Input
Symbol
Parameter
Conditions
Min
Max
Units
RPLLS
FPD-Link Receiver Phase Lock Loop Wake-up Time
10
ms
RSKM
RxIN Skew Margin (Note 2) and (Figure 7)V
DD = 3.3V,
CLK = 85 MHz
240
ps
Note 2: Receiver Skew Margin is defined as the valid data sampling region at the receiver inputs. This margin takes into account transmitter pulse positions (min
and max) and the receiver input setup and hold time (internal data sampling window: RSPOS). This margin allows for LVDS interconnect skew, inter-symbol
interference (both dependent on type and length of cable), and source clock (FPD-Link Transmitter TxCLK IN) jitter. The specified RSKM minimum assumes a
TPPOS max of 200 ps.
RSKM = cable skew (type, length) + source clock jitter (cycle to cycle) + remaining margin for data sampling (
≥0)
This parameter is guaranteed by design. The limits are based on statistical analysis of the device performance over PVT (Process, Voltage, Temperature) range.
20104306
Acronyms:
RSKM
Receiver Skew Margin
TPPOS
Transmitter Pulse Position
RSPOS
Receiver Strobe Position
SW
Strobe Width
Definitions:
SW:
Setup and Hold Time (Internal data sampling window)
RSKM:
Cable Skew (type, length) + Source Clock Jitter (cycle to cycle) + Remaining margin for data sampling (
≥ 0)
Cable Skew: Typically 10 ps − 40 ps per foot.
FIGURE 7. FPD-Link Receiver Input Skew Margin
20104307
FIGURE 8. Ideal Strobe Position for LVDS Input
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com