Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD87392 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD87392
Description  3.3V TFT-LCD Timing Controller with Dual LVDS Inputs/Dual RSDS??Outputs for TFT-LCD Monitor and Notebook (SXGA/SXGA/UXGA)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD87392 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  FPD87392 Datasheet HTML 1Page - National Semiconductor (TI) FPD87392 Datasheet HTML 2Page - National Semiconductor (TI) FPD87392 Datasheet HTML 3Page - National Semiconductor (TI) FPD87392 Datasheet HTML 4Page - National Semiconductor (TI) FPD87392 Datasheet HTML 5Page - National Semiconductor (TI) FPD87392 Datasheet HTML 6Page - National Semiconductor (TI) FPD87392 Datasheet HTML 7Page - National Semiconductor (TI) FPD87392 Datasheet HTML 8Page - National Semiconductor (TI) FPD87392 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
DD)
−0.3V to +4.0V
DC TTL Input Voltage (V
IN)
−0.3V to (V
DD + 0.3V)
DC LVDS Input Voltage (V
IN)
−0.3V to (V
DD + 0.3V)
DC Output Voltage (V
OUT)
−0.3V to (V
DD + 0.3V)
Junction Temperature
+150˚C
Storage Temperature Range
(T
STG)
−65˚C to +150˚C
Lead Temperature (T
L)
(Soldering 10 sec.)
260˚C
ESD Rating:
(C
ZAP = 120 pF,
MM = 200V,
R
ZAP = 1500W)
HBM = 2000V
Operating Conditions
Min
Max
Units
Supply Voltage (V
DD)
3.0
3.6
V
Operating Temp. Range (T
A)
0
70
˚C
Supply Noise Voltage
100
mV
PP
DC Electrical Characteristics
T
A = 0˚C to 70˚C, VDD = 3.0V to 3.6V, IPI = 100 µA (Unless otherwise specified)
TTL DC Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
DD
Core Supply Voltage
3.0
3.3
3.6
V
V
IH
Minimum Input High Voltage
2.0
V
V
IL
Maximum Input Low Voltage
0.8
V
V
OH
Output High Voltage
I
OH = -8mA
V
DD −0.6
V
V
OL
Output Low Voltage
I
OL = 8 mA
0.4
V
I
IN
Input Current
V
IN =VDD, GND
±10
µA
I
PU
Pull-Up Current
V
DD = 3.3V, VIN =VDD
−50
µA
I
PD
Pull-Down Current
V
DD = 3.3V, VIN = GND
+50
µA
I
DD
Average Supply Current
C
L(TTL) =15pF,
R
L(RSDS) = 100
Ω and
C
L(RSDS) =5pF
(jig & test fixture capacitance),
I
PI = 100 µA
(Typically PI pin connected to
13 k
Ω to ground), See Figure 3
for input conditions
170
(CLK = 65
MHz,
V
DD = 3.3V)
250
(CLK = 85
MHz,
V
DD = 3.6V)
mA
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device operation.
20104302
FIGURE 3. FPD-Link Receiver Input Pattern Used to Measure I
DD
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com