Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD87392 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD87392
Description  3.3V TFT-LCD Timing Controller with Dual LVDS Inputs/Dual RSDS??Outputs for TFT-LCD Monitor and Notebook (SXGA/SXGA/UXGA)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD87392 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button FPD87392 Datasheet HTML 17Page - National Semiconductor (TI) FPD87392 Datasheet HTML 18Page - National Semiconductor (TI) FPD87392 Datasheet HTML 19Page - National Semiconductor (TI) FPD87392 Datasheet HTML 20Page - National Semiconductor (TI) FPD87392 Datasheet HTML 21Page - National Semiconductor (TI) FPD87392 Datasheet HTML 22Page - National Semiconductor (TI) FPD87392 Datasheet HTML 23Page - National Semiconductor (TI) FPD87392 Datasheet HTML 24Page - National Semiconductor (TI) FPD87392 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Power Up Sequence (Defaults)
When Power is ON, the TCON start to operate and generate the control signals by inputted LVDS signals. LVDS Receiver will
take maximum 10 ms for the PLL wake-up time. Whether LVDS signals exist before the power-on doesn’t effect. When the Reset
is reach to 2.0V, the R, G, B data and control signals are outputted sequentially and the sequence is just as following figure.
20104318
FIGURE 18. Power Up Sequence
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com