Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD87392 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD87392
Description  3.3V TFT-LCD Timing Controller with Dual LVDS Inputs/Dual RSDS??Outputs for TFT-LCD Monitor and Notebook (SXGA/SXGA/UXGA)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD87392 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button FPD87392 Datasheet HTML 6Page - National Semiconductor (TI) FPD87392 Datasheet HTML 7Page - National Semiconductor (TI) FPD87392 Datasheet HTML 8Page - National Semiconductor (TI) FPD87392 Datasheet HTML 9Page - National Semiconductor (TI) FPD87392 Datasheet HTML 10Page - National Semiconductor (TI) FPD87392 Datasheet HTML 11Page - National Semiconductor (TI) FPD87392 Datasheet HTML 12Page - National Semiconductor (TI) FPD87392 Datasheet HTML 13Page - National Semiconductor (TI) FPD87392 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
AC Electrical Characteristics
T
A = 0˚C to 70˚C, VDD = 3.0V to 3.6V, IPI = 100 µA (Unless otherwise specified) (Continued)
Output Timing
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RCHP
RSDS Clock (RSCK) High Period
R
T = 100
Ω,I
PI = 100 µA,
CLK= 85 MHz
5.7
ns
RCLP
RSDS Clock (RSCK) Low Period
R
T = 100
Ω,I
PI = 100 µA,
CLK = 85 MHz
5.8
ns
SPSTU
STH Rising to RSCK Falling
R
T = 100
Ω,I
PI = 100 µA,
CLK = 85 MHz
3.0
ns
SPHLD
STH Falling to RSCK Falling
R
T = 100
Ω,I
PI = 100 µA,
CLK = 85 MHz
3.0
ns
RSTU
RS(R, G, B) Setup to Falling or
Rising Edge of RSCK
R
T = 100
Ω,C
L(RSDS) = 5 pF,
I
PI = 100 µA,
CLK = 85 MHz, RSDS[2:0] = “100”
3.28
ns
RHLD
RS(R, G, B) Hold from Falling or
Rising Edge of RSCK
R
T = 100
Ω,C
L(RSDS) = 5 pF,
I
PI = 100 µA, CLK= 85 MHz,
RSDS[2:0] = “100”
1.87
ns
RSDS Setup and Hold Time with Data Skew Control Values - Reference
Only
(RxCLKP/N = 85 MHz; V
DD = 3.0 to 3.6V, RT = 100
Ω;I
PI = 100 µA; Duty Clock = 50%/50%, ±5%; 25˚C)
Note: Typical values on this table are measured under Static and Steady state conditions which may not be reflective of its per-
formance in the end application.
RSDS[2:0]
Setup Time (RSTU)
Hold Time (RHLD)
Units
Min
Typ
Max
Min
Typ
Max
000
1.26
3.91
ns
001
1.75
3.41
010
2.30
2.90
011
2.77
2.41
100
3.28
1.87
101
3.79
1.37
110
4.27
0.89
111
4.77
0.76
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com