Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD87392 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD87392
Description  3.3V TFT-LCD Timing Controller with Dual LVDS Inputs/Dual RSDS??Outputs for TFT-LCD Monitor and Notebook (SXGA/SXGA/UXGA)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD87392 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  FPD87392 Datasheet HTML 1Page - National Semiconductor (TI) FPD87392 Datasheet HTML 2Page - National Semiconductor (TI) FPD87392 Datasheet HTML 3Page - National Semiconductor (TI) FPD87392 Datasheet HTML 4Page - National Semiconductor (TI) FPD87392 Datasheet HTML 5Page - National Semiconductor (TI) FPD87392 Datasheet HTML 6Page - National Semiconductor (TI) FPD87392 Datasheet HTML 7Page - National Semiconductor (TI) FPD87392 Datasheet HTML 8Page - National Semiconductor (TI) FPD87392 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
FPD87392BXB
+3.3V TFT-LCD Timing Controller with Dual LVDS
Inputs/Dual RSDS™ Outputs for TFT-LCD Monitor and
Notebook (SXGA/SXGA+/UXGA)
General Description
The FPD87392BXB Panel Timing Controller is an integrated
FPD-Link + RSDS™ + TFT-LCD Timing Controller. The logic
architecture is implemented using standard and default tim-
ing controller functionality based on an Embedded Gate
Array. The device is reconfigurable to the needs of a specific
application by providing user-defined specifications or cus-
tomer supplied VHDL/Verilog code.
The FPD87392BXB is a timing controller that combines an
LVDS dual pixel input interface with National’s Reduced
Swing Differential Signaling (RSDS™) output column driver
interface for SXGA, SXGA+ and UXGA resolutions. It re-
sides on the TFT-LCD panel and provides the data buffering
and control signal generation. The RSDS™ data path to the
column driver contributes toward lowering radiated EMI and
reduced system dynamic power consumption. The RSDS™
dual 12 pair differential bus conveys up to 24-bit color data
for SXGA/SXGA+/UXGA panels when using VESA 60Hz
standard timing.
Features
n
Input frequency range from 25 MHz to 85 MHz
n
Support display resolutions SXGA (1280x1024), SXGA+
(1400x1050) and UXGA (1600x1200)
n
Embedded gate array for custom panel timing
n
RSDS™ (Reduced Swing Differential Signaling) Column
Driver bus for low power and reduced EMI
n
Drives RSDS™ column driver up to 170 Mb/s with an 85
MHz clock
n
6 or 8 bit LVDS dual pixel input interface (FPD-Link)
n
Virtual 8-bit color depth in FRC mode
n
Flexible RSDS™ data output mapping for Bottom or Top
mount
n
Supports 1 and 2 line inversion mode for RVS output
n
Supports Graphics Controllers with spread spectrum
interface for lower EMI
n
Free Run Mode Function
n
Fail-safe function in DE mode (Bonding Option)
n
Supports DE mode and SYNC only mode (Bonding
Option)
n
Power-On-Reset Support
n
CMOS circuitry operates from a 3.0V to 3.6V supply
n
128 TQFP package with body size 14mm x 14mm x
1.0mm, 0.4mm Pitch
July 2004
© 2004 National Semiconductor Corporation
DS201043
www.national.com


Similar Part No. - FPD87392

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
FPD87392AXA NSC-FPD87392AXA Datasheet
135Kb / 4P
3.3V TFT-LCD Timing Controller with Dual LVDS Inputs/Dual RSDS??Outputs for TFT-LCD Monitor and Notebook (SXGA/SXGA/UXGA)
logo
Texas Instruments
FPD87392AXA TI1-FPD87392AXA Datasheet
187Kb / 6P
TFT-LCD Timing Controller
FPD87392 TI1-FPD87392_13 Datasheet
909Kb / 27P
TFT-LCD Timing Controller
More results

Similar Description - FPD87392

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
FPD87352CXA NSC-FPD87352CXA Datasheet
132Kb / 5P
3.3V TFT-LCD Timing Controller with Single LVDS Input/Dual RSDS Outputs Including RTC for TFT-LCD Monitors and TV
logo
LG Semicon Co.,Ltd.
LM170E01 LG-LM170E01 Datasheet
614Kb / 28P
17.0 SXGA TFT LCD
logo
List of Unclassifed Man...
SD1210 ETC-SD1210 Datasheet
322Kb / 46P
Dual-Interface SXGA TFT LCD Display Controller
logo
National Semiconductor ...
FPD87392AXA NSC-FPD87392AXA Datasheet
135Kb / 4P
3.3V TFT-LCD Timing Controller with Dual LVDS Inputs/Dual RSDS??Outputs for TFT-LCD Monitor and Notebook (SXGA/SXGA/UXGA)
logo
AAEON Technology
AMB-280A AAEON-AMB-280A Datasheet
761Kb / 2P
18" TFT SXGA LCD
logo
Axiomtek Co., Ltd.
P6173 AXIOMTEK-P6173_16 Datasheet
355Kb / 2P
17 SXGA TFT Industrial LCD Monitor
P6171 AXIOMTEK-P6171_17 Datasheet
285Kb / 2P
17 SXGA TFT Industrial LCD Monitor
P6173 AXIOMTEK-P6173_17 Datasheet
355Kb / 2P
17 SXGA TFT Industrial LCD Monitor
P6191 AXIOMTEK-P6191 Datasheet
323Kb / 2P
19 SXGA TFT Industrial LCD Monitor
logo
LG Semicon Co.,Ltd.
LB170E01-SL01 LG-LB170E01-SL01 Datasheet
1Mb / 33P
17??SXGA TFT LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com