Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPD87392 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD87392
Description  3.3V TFT-LCD Timing Controller with Dual LVDS Inputs/Dual RSDS??Outputs for TFT-LCD Monitor and Notebook (SXGA/SXGA/UXGA)
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD87392 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button FPD87392 Datasheet HTML 22Page - National Semiconductor (TI) FPD87392 Datasheet HTML 23Page - National Semiconductor (TI) FPD87392 Datasheet HTML 24Page - National Semiconductor (TI) FPD87392 Datasheet HTML 25Page - National Semiconductor (TI) FPD87392 Datasheet HTML 26Page - National Semiconductor (TI) FPD87392 Datasheet HTML 27Page - National Semiconductor (TI) FPD87392 Datasheet HTML 28Page - National Semiconductor (TI) FPD87392 Datasheet HTML 29Page - National Semiconductor (TI) FPD87392 Datasheet HTML 30Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
Appendix 3. Power-Up Sequence on “POR Enabled” Mode
When Bonding option pins, POR (Power-On-Reset), enable set to “High”, TCON start running as POR mode. If the input LVDS
clocks lost with any reasons during the normal operation, POR output signal (RST_N) will be low until LVDS clock comeback
again. The Reset counter start to count with LVDS clock resume then turn to normal operation mode before the 10 ms PLL
Wake-Up time limits.
20104325
www.national.com
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com