Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L91 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SC28L91
Description  3.3V-5.0V Universal Asynchronous Receiver/Transmitter (UART)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L91 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SC28L91 Datasheet HTML 9Page - NXP Semiconductors SC28L91 Datasheet HTML 10Page - NXP Semiconductors SC28L91 Datasheet HTML 11Page - NXP Semiconductors SC28L91 Datasheet HTML 12Page - NXP Semiconductors SC28L91 Datasheet HTML 13Page - NXP Semiconductors SC28L91 Datasheet HTML 14Page - NXP Semiconductors SC28L91 Datasheet HTML 15Page - NXP Semiconductors SC28L91 Datasheet HTML 16Page - NXP Semiconductors SC28L91 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
Philips Semiconductors
Product specification
SC28L91
3.3V–5.0V Universal Asynchronous
Receiver/Transmitter (UART)
2000 Sep 22
13
Unit
Max
Typ
Min
Parameter
Symbol
Receiver Timing, external clock (See Figure 13)
t*RXS
RxD data setup time to RxC high
50
40
ns
t*RXH
RxD data hold time from RxC high
50
40
ns
68000 or Motorola bus timing (See Figures 6, 7, 8)10
tDCR
DACKN Low (read cycle) from X1 High10
15
20
ns
tDCW
DACKN Low (write cycle) from X1 High
15
20
ns
tDAT
DACKN High impedance from CEN or IACKN High
8
10
ns
tCSC
CEN or IACKN setup time to X1 High for minimum DACKN cycle
10
8
ns
NOTES:
1. Parameters are valid over specified temperature and voltage range.
2. All voltage measurements are referenced to ground (GND). For testing, all inputs swing between 0.4 V and 3.0 V with a transition time of
5 ns maximum. For X1/CLK this swing is between 0.4 V and 0.8*VCC. All time measurements are referenced at input voltages of 0.8 V and
2.0 V and output voltages of 0.8 V and 2.0 V, as appropriate.
3. Test conditions for outputs: CL = 125 pF, except open drain outputs. Test conditions for open drain outputs: CL = 125 pF,
constant current source = 2.6 mA.
4. Typical values are the average values at +25
°C and 5 V.
5. Timing is illustrated and referenced to the WRN and RDN Inputs. Also, CEN may be the “strobing” input. CEN and RDN (also CEN and
WRN) are ORed internally. The signal asserted last initiates the cycle and the signal negated first terminates the cycle.
6. Guaranteed by characterization of sample units.
7. If CEN is used as the “strobing” input, the parameter defines the minimum High times between one CEN and the next. The RDN signal must
be negated for tRWD to guarantee that any status register changes are valid.
8. Minimum frequencies are not tested but are guaranteed by design.
9. Clocks for 1X mode should maintain a 60/40 duty cycle or better.
10. Minimum DACKN time is tDCR = tDSC + tDCR + two positive edges of the X1 clock. For faster bus cycles, the 80XXX bus timing may be used
while in the 68XXX mode. It is not necessary to wait for DACKN to insure the proper operation of the SC28C91. In all cases the data will be
written to the SC28L91 on the falling edge of DACKN or the rise of CEN. The fall of CEN initializes the bus cycle. The rise of CEN ends the
bus cycle. DACKN low or CEN high completes the write cycle.
0
20
40
60
80
100
120
140
160
180
200
220
240
60
55
50
45
40
35
30
25
20
15
10
5
0
VCC = 3.3V @ +25°C
5.0V @ +25
°C
pF
Tdd
(ns)
125 pF
30 pF
230 pF
SD00684
12 pF
100 pF
NOTES:
Bus cycle times:
(80XXX mode): tDD + tRWD = 70 ns @ 5V, 40 ns @ 3.3 V + rise and fall time of control signals
(68XXX mode) = tCSC + tDAT + 1 cycle of the X1 clock @ 5 V + rise and fall time of control signals
Figure 3. Port Timing vs. Capacitive Loading at typical conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com