Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L91 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SC28L91
Description  3.3V-5.0V Universal Asynchronous Receiver/Transmitter (UART)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L91 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SC28L91 Datasheet HTML 17Page - NXP Semiconductors SC28L91 Datasheet HTML 18Page - NXP Semiconductors SC28L91 Datasheet HTML 19Page - NXP Semiconductors SC28L91 Datasheet HTML 20Page - NXP Semiconductors SC28L91 Datasheet HTML 21Page - NXP Semiconductors SC28L91 Datasheet HTML 22Page - NXP Semiconductors SC28L91 Datasheet HTML 23Page - NXP Semiconductors SC28L91 Datasheet HTML 24Page - NXP Semiconductors SC28L91 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Philips Semiconductors
Product specification
SC28L91
3.3V–5.0V Universal Asynchronous
Receiver/Transmitter (UART)
2000 Sep 22
21
Register Acronyms and Read / Write Capability
(R/W = Read/Write, R = Read only, W = Write only)
Mode Register
MRn
R/W
Status Register
SR
R
Clock Select
CSR
W
Command Register
CR
W
Receiver FIFO
RxFIFO
R
Transmitter FIFO
RxFIFO
W
Input Port Change Register
IPCR
R
Auxiliary Control Register
ACR
W
Interrupt Status Register
ISR
R
Interrupt Mask Register
IMR
W
Counter Timer Upper Value
CTU
R
Counter Timer Lower Value
CTL
R
Counter Timer Preset Upper
CTPU
W
Counter Timer Preset Lower
CTPL
W
Input Port Register
IPR
R
Output Configuration Register
OPCR
W
Set Output Port
Bits
W
Reset Output Port
Bits
W
Interrupt vector or GP register
IVR/GP
R/W
Table 2. Condensed Register bit formats
N
ame
Adr
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MR0
0
WATCH
DOG
RxINT BIT 2
TxINT [1:0]
FIFO SIZE
BAUD RATE
EXTENDED
II
TEST 2
BAUD RATE
EXTENDED 1
MR1
0
RxRTS
Control
RxINT BIT 1
Error Mode
Parity Mode
Parity Type
Bits per Character
MR2
0
Channel Mode
TxRTS Con-
trol
CTSN Enable
Tx
Stop Bit Length
CSR
1
Receiver Clock, Select Code
Transmitter Clock select code,
SR
1
Received
Break
Framing Er-
ror
Parity Error
Overrun Error
TxEMT
TxRDY
RxFULL
RxRDY
CR
2
Channel Command codes
Disable Tx
Enable Tx
Disable Rx
Enable Rx
RxFIFO
3
Read 8 bits from Rx FIFO
TxFIFO
3
Write 8 bits to Tx FIFO
IPCR
4
Delta IP3
Delta IP2
Delta IP1
Delta IP0
State of IP3
State of IP2
State of IP1
State of IP0
ACR
4
Baud Group
Counter Timer mode and clock select
Enable IP3
Enable IP2
Enable IP1
Enable IP0
ISR
5
Change In-
put Port
Ignore in ISR Reads
Counter
Ready
Change
Break
RxRDY
TxRDY
IMR
5
Change In-
put Port
Set to 0
Set to 0
Set to 0
Counter
Ready
Change
Break
RxRDY
TxRDY
CTU
6
Read 8 MSb of the BRG Timer divisor.
CTPU
6
Write 8 MSb of the BRG Timer divisor.
CTL
7
Read 8 LSb of the BRG Timer divisor.
CTPL
7
Write 8 LSb of the BRG Timer divisor.
IPR
D
State of IP
State of IP 6
State of IP 5
State of IP 4
State of IP 3
State of IP 2
State of IP1
State of IP 0
OPCR
D
Configure
OP7
Configure
OP6
Configure
OP5
Configure
OP4
Configure OP3
Configure OP2
Strt C/T
E
Read Address E to start Counter Timer
SOPR
E
Set OP 7
Set OP 6
Set OP 5
Set OP 4
Set OP 3
Set OP 2
Set OP 1
Set OP 0
Stp C/T
F
Read Address F to stop counter Timer
ROPR
F
Reset OP 7
Reset OP 6
Reset OP 5
Reset OP 4
Reset OP 3
Reset OP 2
Reset OP 1
Reset OP 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com