Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L91 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SC28L91
Description  3.3V-5.0V Universal Asynchronous Receiver/Transmitter (UART)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L91 Datasheet(HTML) 2 Page - NXP Semiconductors

  SC28L91 Datasheet HTML 1Page - NXP Semiconductors SC28L91 Datasheet HTML 2Page - NXP Semiconductors SC28L91 Datasheet HTML 3Page - NXP Semiconductors SC28L91 Datasheet HTML 4Page - NXP Semiconductors SC28L91 Datasheet HTML 5Page - NXP Semiconductors SC28L91 Datasheet HTML 6Page - NXP Semiconductors SC28L91 Datasheet HTML 7Page - NXP Semiconductors SC28L91 Datasheet HTML 8Page - NXP Semiconductors SC28L91 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
Philips Semiconductors
Product specification
SC28L91
3.3V–5.0V Universal Asynchronous
Receiver/Transmitter (UART)
2
2000 Sep 22
853-2219 24638
DESCRIPTION
The SC28L91 is a new member of the IMPACT family of Serial
Communications Controllers. It is a single channel UART operating
at 3.3 and 5.0 volts Vcc, 8 or 16 byte FIFOs and is quite compatible
with software of the SC28L92 and previous UARTs offered by
Philips. It is a new part that is similar to our previous one channel
part but is vastly improved. The improvements being: 16 character
receiver, 16 character transmit FIFOs, watch dog timer for the
receiver, mode register 0 is added, extended baud rate, over all
faster bus and data speeds, programmable receiver and transmitter
interrupts and versatile I/O structure. (The previous one channel
part, SCC2691, is NOT being discontinued.)
Pin programming will allow the device to operate with either the
Motorola or Intel bus interface. Bit 3 of the MR0 register allows the
device to operate in an 8-byte FIFO mode if strict compliance with
an 8-byte FIFO structure is required.
The Philips Semiconductors SC28L91 Universal Asynchronous
Receiver/Transmitter (UART) is a single-chip CMOS-LSI
communications device that provides a full-duplex asynchronous
receiver/transmitter channel in a single package. It interfaces
directly with microprocessors and may be used in a polled or
interrupt driven system with modem and DMA interface.
The operating mode and data format of the channel can be
programmed independently. Additionally, the receiver and
transmitter can select its operating speed as one of 28 fixed baud
rates; a 16X clock derived from a programmable counter/timer, or an
external 1X or 16X clock. The baud rate generator and counter/timer
can operate directly from a crystal or from external clock inputs. The
ability to independently program the operating speed of the receiver
and transmitter make the UART particularly attractive for dual-speed
channel applications such as clustered terminal systems.
The receiver and transmitter is buffered by 8 or 16 character FIFOs
to minimize the potential of receiver overrun, transmitter underrun
and to reduce interrupt overhead in interrupt driven systems. In
addition, a flow control capability is provided via RTS/CTS signaling
to disable a remote transmitter when the receiver buffer is full.
DMA interface is and other general purpose signals are provided on
the SC28L91 via a multipurpose 7-bit input port and a multipurpose
8-bit output port. These can be used as general-purpose ports or
can be assigned specific functions (such as clock inputs or
status/interrupt outputs, FIFO conditions) under program control.
The SC28L91 is available in two package versions: a 44-pin PLCC
and 44-pin plastic quad flat pack (PQFP).
FEATURES
• Member of IMPACT family: 3.3 to 5.0 volt , –40°C to +85°C and
68K for 80xxx bus interface for all devices.
• A full-duplex independent asynchronous receiver/transmitter
• 16 character FIFOs for each receiver and transmitter
• Pin programming selects 68K or 80xxx-bus interface
• Programmable data format
– 5 to 8 data bits plus parity
– Odd, even, no parity or force parity
– – 1, 1.5 or 2 stop bits programmable in 1/16-bit increments
• 16-bit programmable Counter/Timer
• Programmable baud rate for each receiver and transmitter
selectable from:
– 28 fixed rates: 50 to 230.4 k baud
– Other baud rates to 1 MHz at 16X
– Programmable user-defined rates derived from a programmable
counter/timer
– External 1X or 16X clock
• Parity, framing, and overrun error detection
• False start bit detection
• Line break detection and generation
• Programmable channel mode
– Normal (full-duplex)
– Automatic echo
– Local loop back
– Remote loop back
– Multi-drop mode (also called ‘wake-up’ or ‘9-bit’)
• Multi-function 7-bit input port (includes IACKN)
– Can serve as clock or control inputs
– Change of state detection on four inputs
– Inputs have typically >100k pull-up resistors
– Change of state detectors for modem control
• Multi-function 8-bit output port
– Individual bit set/reset capability
– Outputs can be programmed to be status/interrupt signals
– FIFO status for DMA interface
• Versatile interrupt system
– Single interrupt output with eight maskable interrupting
conditions
– Output port can be configured to provide a total of up to six
separate interrupt outputs that may be wire ORed.
– Each FIFO can be programmed for four different interrupt levels
– Watch dog timer for the receiver
• Maximum data transfer rates:
1X – 1Mb/sec, 16X – 1Mb/sec
• Automatic wake-up mode for multi-drop applications
• Start-end break interrupt/status with mid-character break detect.
• On-chip crystal oscillator
• Power down mode
• Receiver time-out mode
• Single +3.3V or +5V power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com