Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L91 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # SC28L91
Description  3.3V-5.0V Universal Asynchronous Receiver/Transmitter (UART)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L91 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button SC28L91 Datasheet HTML 15Page - NXP Semiconductors SC28L91 Datasheet HTML 16Page - NXP Semiconductors SC28L91 Datasheet HTML 17Page - NXP Semiconductors SC28L91 Datasheet HTML 18Page - NXP Semiconductors SC28L91 Datasheet HTML 19Page - NXP Semiconductors SC28L91 Datasheet HTML 20Page - NXP Semiconductors SC28L91 Datasheet HTML 21Page - NXP Semiconductors SC28L91 Datasheet HTML 22Page - NXP Semiconductors SC28L91 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
Philips Semiconductors
Product specification
SC28L91
3.3V–5.0V Universal Asynchronous
Receiver/Transmitter (UART)
2000 Sep 22
19
in the status register is set whenever one or more characters are
available to be read, and a FFULL status bit is set if all 8 or 16 stack
positions are filled with data. Either of these bits can be selected to
cause an interrupt. A read of the RxFIFO outputs the data at the top
of the FIFO. After the read cycle, the data FIFO and its associated
status bits (see below) are ‘popped’ thus emptying a FIFO position
for new data.
A disabled receiver with data in its FIFO may generate an interrupt
(see “Receiver Status Bits”, below). Its status bits remain active and
its watchdog, if enabled, will continue to operate.
Receiver Status Bits
In addition to the data word, three status bits (parity error, framing
error, and received break) are also appended to the data character
in the FIFO. The overrun error, MR1[5], and the change of break
(ISR[2]) are not FIFOed.
The status of the Rx FIFO may be provided in two ways, as
programmed by the error mode control bit in the mode register
(MR1[5]). In the ‘character’ mode, status is provided on a
character-by-character basis; the status applies only to the
character at the top of the FIFO. In the ‘block’ mode, the status
provided in the SR for these three bits is the logical-OR of the status
for all characters coming to the top of the FIFO since the last ‘reset
error’ from the command register was issued. In either mode
reading the SR does not affect the FIFO. The FIFO is ‘popped’ only
when the RxFIFO is read. Therefore the status register should be
read prior to reading the FIFO.
If the FIFO is full when a new character is received, that character is
held in the receive shift register until a FIFO position is available. If
an additional character is received while this state exits, the
contents of the FIFO are not affected; the character previously in the
shift register is lost and the overrun error status bit (SR[4]) will be
set-upon receipt of the start bit of the new (overrunning) character.
The receiver can control the deactivation of RTS. If programmed to
operate in this mode, the RTSN output will be negated when a valid
start bit was received and the FIFO is full. When a FIFO position
becomes available, the RTSN output will be re-asserted (set low)
automatically. This feature can be used to prevent an overrun, in the
receiver, by connecting the RTSN output to the CTSN input of the
transmitting device.
If the receiver is disabled, the FIFO characters can be read.
However, no additional characters can be received until the receiver
is enabled again. If the receiver is reset, the FIFO and all of the
receiver status, and the corresponding output ports and interrupt are
reset. No additional characters can be received until the receiver is
enabled again.
Receiver Reset and Disable
Receiver disable stops the receiver immediately—data being
assembled in the receiver shift register is lost. Data and status in the
FIFO is preserved and may be read. A re-enable of the receiver
after a disable will cause the receiver to begin assembling
characters at the next start bit detected.
A receiver reset will discard the present shift register date, reset the
receiver ready bit (RxRDY), clear the status of the byte at the top of
the FIFO and re-align the FIFO read/write pointers.
Watchdog
A ‘watchdog timer’ is associated with the receiver. Its interrupt is
enabled by MR0[7]. The purpose of this timer is to alert the control
processor that characters are in the RxFIFO which have not been
read. This situation may occur at the end of a transmission when the
last few characters received are not sufficient to cause an interrupt.
This counter times out after 64 bit times. It is reset each time a
character is transferred from the receiver shift register to the
RxFIFO or a read of the RxFIFO is executed.
Receiver Time-out Mode
In addition to the watch dog timer described in the receiver section,
the counter/timer may be used for a similar function. Its 16-bit
programmability allows much greater precision of time out intervals.
The time-out mode uses the received data stream to control the
counter. Each time a received character is transferred from the shift
register to the RxFIFO, the counter is restarted. If a new character is
not received before the counter reaches zero count, the counter
ready bit is set, and an interrupt can be generated. This mode can
be used to indicate when data has been left in the RxFIFO for more
than the programmed time limit. Otherwise, if the receiver has been
programmed to interrupt the CPU when the receive FIFO is full, and
the message ends before the FIFO is full, the CPU may not know
there is data left in the FIFO. The CTU and CTL value would be
programmed for just over one character time, so that the CPU would
be interrupted as soon as it has stopped receiving continuous data.
This mode can also be used to indicate when the serial line has
been marking for longer than the programmed time limit. In this
case, the CPU has read all of the characters from the FIFO, but the
last character received has started the count. If there is no new data
during the programmed time interval, the counter ready bit will get
set, and an interrupt can be generated.
The time-out mode is enabled by writing the appropriate command
to the command register. Writing an 0xAn to CR will invoke the
time-out mode for that channel. Writing a ‘Cx’ to CR will disable the
time-out mode. The time-out mode should only be used by one
channel at once, since it uses the C/T. CTU and CTL must be
loaded with a value greater than the normal receive character
period. The time-out mode disables the regular START/STOP
Counter commands and puts the C/T into counter mode under the
control of the received data stream. Each time a received character
is transferred from the shift register to the RxFIFO, the C/T is
stopped after 1 C/T clock, reloaded with the value in CTU and CTL
and then restarted on the next C/T clock. If the C/T is allowed to end
the count before a new character has been received, the counter
ready bit, ISR[3], will be set. If IMR[3] is set, this will generate an
interrupt. Receiving a character after the C/T has timed out will clear
the counter ready bit, ISR[3], and the interrupt. Invoking the ‘Set
Time-out Mode On’ command, CRx = ‘Ax’, will also clear the counter
ready bit and stop the counter until the next character is received.
Watchdog and Time Out Mode Differences
The watchdog timer is restarted each time a character is read from
or written to the Rx FIFO. It is an indicator that data is in the FIFO
that has not been read. If the Rx FIFO is empty no action occurs. In
the time out mode the C/T is stopped and restarted each time a
character is written to the Rx FIFO. From this point of view the time
out of the C/T is an indication that the data stream has stopped.
After the time out mode is invoked the timer will not start until the
first character is written to the Rx FIFO.
Time Out Mode Caution
When operating in the special time out mode, it is possible to
generate what appears to be a “false interrupt”, i.e. an interrupt
without a cause. This may result when a time-out interrupt occurs
and then, BEFORE the interrupt is serviced, another character is
received, i.e., the data stream has started again. (The interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com