Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L91 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # SC28L91
Description  3.3V-5.0V Universal Asynchronous Receiver/Transmitter (UART)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L91 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button SC28L91 Datasheet HTML 22Page - NXP Semiconductors SC28L91 Datasheet HTML 23Page - NXP Semiconductors SC28L91 Datasheet HTML 24Page - NXP Semiconductors SC28L91 Datasheet HTML 25Page - NXP Semiconductors SC28L91 Datasheet HTML 26Page - NXP Semiconductors SC28L91 Datasheet HTML 27Page - NXP Semiconductors SC28L91 Datasheet HTML 28Page - NXP Semiconductors SC28L91 Datasheet HTML 29Page - NXP Semiconductors SC28L91 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
Philips Semiconductors
Product specification
SC28L91
3.3V–5.0V Universal Asynchronous
Receiver/Transmitter (UART)
2000 Sep 22
26
CSR CLOCK SELECT REGISTER
Addr
CSR (7:4)
CSR (3:0)
CSR
RECEIVER CLOCK SELECT
TRANSMITTER CLOCK SELECT
0x01
See Text and table 5
See Text and table 5
Table 5. Baud rate (base on a 3.6864MHz crystal clock)
MR0[0] = 0 (Normal Mode)
MR0[0] = 1 (Extended Mode I)
MR0[2] = 1 (Extended Mode II)
CSRA[7:4]
ACR[7] = 0
ACR[7] = 1
ACR[7] = 0
ACR[7] = 1
ACR[7] = 0
ACR[7] = 1
0000
50
75
300
450
4,800
7,200
0001
110
110
110
110
880
880
0010
134.5
134.5
134.5
134.5
1,076
1,076
0011
200
150
1200
900
19.2K
14.4K
0100
300
300
1800
1800
28.8K
28.8K
0101
600
600
3600
3600
57.6K
57.6K
0110
1,200
1,200
7200
7,200
115.2K
115.2K
0111
1,050
2,000
1,050
2,000
1,050
2,000
1000
2,400
2,400
14.4K
14.4K
57.6K
57.6K
1001
4,800
4,800
28.8K
28.8K
4,800
4,800
1010
7,200
1,800
7,200
1,800
57.6K
14.4K
1011
9,600
9,600
57.6K
57.6K
9,600
9,600
1100
38.4K
19.2K
230.4K
115.2K
38.4K
19.2K
1101
Timer
Timer
Timer
Timer
Timer
Timer
1110
IP4–16X
IP4–16X
IP4–16X
IP4–16X
IP4–16X
IP4–16X
1111
IP4–1X
IP4–1X
IP4–1X
IP4–1X
IP4–1X
IP4–1X
NOTE:
1. The receiver clock is always a 16X clock except for CSR[7:4] = 1111. CSR[3:0]— Transmitter Clock Select. This field selects the baud rate
clock for the transmitter.
The field definition is as shown in Table 5, except as follows:
CSR[3:0]
1110
IP3 –16X
1111
IP3 –1X
The transmitter clock is always a 16X clock except for CSR[3:0] = 1111.
Table 6. Bit rate generator characteristics for Crystal or Clock = 3.6864MHz
NORMAL RATE (BAUD)
ACTUAL 16X CLOCK (KHz)
ERROR (%)
50
0.8
0
75
1.2
0
110
1.759
–0.069
134.5
2.153
0.059
150
2.4
0
200
3.2
0
300
4.8
0
600
9.6
0
1050
16.756
–0.260
1200
19.2
0
1800
28.8
0
2000
32.056
0.175
2400
38.4
0
4800
76.8
0
7200
115.2
0
9600
153.6
0
19.2K
307.2
0
38.4K
614.4
0
NOTE:
Duty cycle of 16X clock is 50%
1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com