Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L91 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # SC28L91
Description  3.3V-5.0V Universal Asynchronous Receiver/Transmitter (UART)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L91 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button SC28L91 Datasheet HTML 30Page - NXP Semiconductors SC28L91 Datasheet HTML 31Page - NXP Semiconductors SC28L91 Datasheet HTML 32Page - NXP Semiconductors SC28L91 Datasheet HTML 33Page - NXP Semiconductors SC28L91 Datasheet HTML 34Page - NXP Semiconductors SC28L91 Datasheet HTML 35Page - NXP Semiconductors SC28L91 Datasheet HTML 36Page - NXP Semiconductors SC28L91 Datasheet HTML 37Page - NXP Semiconductors SC28L91 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
Philips Semiconductors
Product specification
SC28L91
3.3V–5.0V Universal Asynchronous
Receiver/Transmitter (UART)
2000 Sep 22
34
X1/CLK
A1–A4
RWN
CSN
D0–D7
DTACKN
tCSC
tAS
tCS
tDF
tDAT
tDAH
tCH
tRWD
tDD
tDCR
tAH
DATA VALID
NOT
VALID
tDA
NOTE: DACKN low requires two rising edges of X1 clock after CSN is low.
SD00687
Figure 6. Bus Timing (Read Cycle) (68XXX mode)
X1/CLK
A1–A4
RWN
CSN
D0–D7
DTACKN
tCSC
tAS
tCS
tDH
tDAT
tDAH
tCH
tRWD
tDS
tDCW
tAH
NOTE: DACKN low requires two rising edges of X1 clock after CSN is low.
SD00688
Figure 7. Bus Timing (Write Cycle) (68XXX mode)
NOTE:
For Figures 6 and 7 WRN changing within the time of CEN low may cause short read or write pulses that could upset internal pointers and
registers. Bus action terminates on the rise of CEN or the fall of DACKN, which ever occurs first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com