Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L91 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # SC28L91
Description  3.3V-5.0V Universal Asynchronous Receiver/Transmitter (UART)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L91 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button SC28L91 Datasheet HTML 18Page - NXP Semiconductors SC28L91 Datasheet HTML 19Page - NXP Semiconductors SC28L91 Datasheet HTML 20Page - NXP Semiconductors SC28L91 Datasheet HTML 21Page - NXP Semiconductors SC28L91 Datasheet HTML 22Page - NXP Semiconductors SC28L91 Datasheet HTML 23Page - NXP Semiconductors SC28L91 Datasheet HTML 24Page - NXP Semiconductors SC28L91 Datasheet HTML 25Page - NXP Semiconductors SC28L91 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
Philips Semiconductors
Product specification
SC28L91
3.3V–5.0V Universal Asynchronous
Receiver/Transmitter (UART)
2000 Sep 22
22
REGISTER DESCRIPTIONS MODE REGISTERS
MR0 – Mode Register 0
Mode Register 0. MR0 is accessed by setting the MR pointer to 0 via the command register command B.
Addr
Bit 7
BIT 6
BITS 5:4
BIT 3
BIT 2
BIT 1
BIT 0
MR0
Rx
WATCHDOG
RxINT BIT 2
TxINT (1:0)
FIFO SIZE
BAUD RATE
EXTENDED II
TEST 2
BAUD RATE
EXTENDED 1
0x00
0x08
0 = Disable
1 = Enable
See Tables in
MR0 descrip-
tion
See Table 4
0 = 8 byte FIFO
1 = 16 byte FIFO
0 = Normal
1 = Extend II
Set to 0
0 = Normal
1 = Extend
MR0[7]—Watchdog Control
This bit controls the receiver watchdog timer. 0 = disable,
1 = enable. When enabled, the watch dog timer will generate a
receiver interrupt if the receiver FIFO has not been accessed within
64 bit times of the receiver 1X clock. This is used to alert the control
processor that data is in the RxFIFO that has not been read. This
situation may occur when the byte count of the last part of a
message is not large enough to generate an interrupt.
MR0[6]—Rx Interrupt bit 2
Bit 2 of receiver FIFO interrupt level. This bit along with Bit 6 of MR1
sets the fill level of the FIFO that generates the receiver interrupt.
MR0[6], MR1[6] Rx Interrupt bits
Note that this control is split between MR0 and MR1. This is for
backward compatibility to legacy software of the SC2692 and
SCN2681 dual UART devices.
Table 3. Receiver FIFO
Interrupt fill level (MR0(3) = 0 (8 bytes)
MR0[6] MR1[6]
Interrupt Condition
00
1 or more bytes in FIFO (Rx RDY)
01
6 or more bytes in FIFO
10
4 or more bytes in FIFO
11
8 bytes in FIFO (Rx FULL)
Table 3a. Receiver FIFO
Interrupt fill level(MR0(3)=1 (16 bytes)
MR0[6] MR1[6]
Interrupt Condition
00
1 or more bytes in FIFO (Rx RDY)
01
8 or more bytes in FIFO
10
12 or more bytes in FIFO
11
16 bytes in FIFO (Rx FULL)
For the receiver these bits control the number of FIFO positions
filled when the receiver will attempt to interrupt. After the reset the
receiver FIFO is empty. The default setting of these bits cause the
receiver to attempt to interrupt when it has one or more bytes in it.
MR0[5:4]—Tx interrupt fill level.
Table 4. Transmitter FIFO
Interrupt fill level MR0(3) = 0 (8 bytes)
MR0[5:4]
Interrupt Condition
00
8 bytes empty (Tx EMPTY)
01
4 or more bytes empty
10
6 or more bytes empty
11
1 or more bytes empty (Tx RDY)
Table 4a. Transmitter FIFO
Interrupt fill level MR0(3) = 1 (16 bytes)
MR0[5:4]
Interrupt Condition
00
16 bytes empty (Tx EMPTY)
01
8 or more bytes empty
10
12 or more bytes empty
11
1 or more bytes empty (Tx RDY)
For the transmitter these bits control the number of FIFO positions
empty when the transmitter will attempt to interrupt. After the reset
the transmit FIFO has 8 bytes empty. It will then attempt to interrupt
as soon as the transmitter is enabled. The default setting of the MR0
bits [5:4] condition the transmitter to attempt to interrupt only when it
is completely empty. As soon as one–byte is loaded, it is no longer
empty and hence will withdraw its interrupt request.
MR0[3]—FIFO size
Selects the FIFO depth at 8 or 16 bytes. See Tables 3 and 4
MR0[2:0]—Baud Rate Group Selection
These bits are used to select one of the six–baud rate groups.
See Table 5 for the group organization.
• 000 Normal mode
• 001 Extended mode I
• 100 Extended mode II
Other combinations of MR2[2:0] should not be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com