Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L91 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # SC28L91
Description  3.3V-5.0V Universal Asynchronous Receiver/Transmitter (UART)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L91 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button SC28L91 Datasheet HTML 25Page - NXP Semiconductors SC28L91 Datasheet HTML 26Page - NXP Semiconductors SC28L91 Datasheet HTML 27Page - NXP Semiconductors SC28L91 Datasheet HTML 28Page - NXP Semiconductors SC28L91 Datasheet HTML 29Page - NXP Semiconductors SC28L91 Datasheet HTML 30Page - NXP Semiconductors SC28L91 Datasheet HTML 31Page - NXP Semiconductors SC28L91 Datasheet HTML 32Page - NXP Semiconductors SC28L91 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
Philips Semiconductors
Product specification
SC28L91
3.3V–5.0V Universal Asynchronous
Receiver/Transmitter (UART)
2000 Sep 22
29
OPCR Output Port Configuration Register
Addr
Bit 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
OPCR
OP7
OP6
OP5
OP4
OP3
OP2
OP1
OP0
0x0D
0 = OPR[7]
0 = OPR[6]
0 = OPR[5]
0 = OPR[4]
00 = OPR[3]
00 = OPR[2]
1 = Reserved
1 = TxRDY
1 = Reserved
1 = RxRDY/FFULL
01 = C/T OUTPUT
01 = TxC(16X)
10 = Reserved
10 = TxC(1X)
11 = Reserved
11 = RxC(1X)
OPCR[7]—OP7 Output Select
This bit programs the OP7 output to provide one of the following:
0
The complement of OPR[7].
1
reserved
OPCR[6]—OP6 Output Select
This bit programs the OP6 output to provide one of the following:
0
The complement of OPR[6].
1
The transmitter interrupt output which is the complement of
ISR[0]. When in this mode OP6 acts as an open-drain out-
put. Note that this output is not masked by the contents of
the IMR.
OPCR[5]—OP5 Output Select
This bit programs the OP5 output to provide one of the following:
0
The complement of OPR[5].
1
Reserved
OPCR[4]—OP4 Output Select
This field programs the OP4 output to provide one of the following:
0
The complement of OPR[4].
1
The receiver interrupt output which is the complement of
ISR[1]. When in this mode OP4 acts as an open-drain out-
put. Note that this output is not masked by the contents of
the IMR.
OPCR[3:2]—OP3 Output Select
This bit programs the OP3 output to provide one of the following:
00
The complement of OPR[3].
01
The counter/timer output, in which case OP3 acts as an
open-drain output. In the timer mode, this output is a square
wave at the programmed frequency. In the counter mode,
the output remains High until terminal count is reached, at
which time it goes Low. The output returns to the High state
when the counter is stopped by a stop counter command.
Note that this output is not masked by the contents of the
IMR.
10
Reserved
11
Reserved
OPCR[1:0]—OP2 Output Select
This field programs the OP2 output to provide one of the following:
00
The complement of OPR[2].
01
The 16X clock for the transmitter. This is the clock selected
by CSR[3:0], and will be a 1X clock if CSR[3:0] = 1111.
10
The 1X clock for the transmitter, which is the clock that shifts
the transmitted data. If data is not being transmitted, a free
running 1X clock is output.
11
The 1X clock for the receiver, which is the clock that samples
the received data. If data is not being received, a free run-
ning 1X clock is output.
SOPR—Set the Output Port Bits (OPR)
SOPR[7:0]—Ones in the byte written to this register will cause the corresponding bit positions in the OPR to set to 1. Zeros have no effect. This
allows software to set individual bits with our keeping a copy of the OPR bit configuration.
Addr
Bit 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
SOPR
OP 7
OP 6
OP 5
OP 4
OP 3
OP 2
OP 1
OP 0
0x0E
1 = set bit
1 = set bit
1 = set bit
1 = set bit
1 = set bit
1 = set bit
1 = set bit
1 = set bit
0 = no change
0 = no change
0 = no change
0 = no change
0 = no change
0 = no change
0 = no change
0 = no change
ROPR—Reset Output Port Bits (OPR)
ROPR[7:0]—Ones in the byte written to the ROPR will cause the corresponding bit positions in the OPR to set to 0. Zeros have no effect. This
allows software to reset individual bits with our keeping a copy of the OPR bit configuration.
Addr
Bit 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
ROPR
OP 7
OP 6
OP 5
OP 4
OP 3
OP 2
OP 1
OP 0
0x0F
1 = reset bit
1 = reset bit
1 = reset bit
1 = reset bit
1 = reset bit
1 = reset bit
1 = reset bit
1 = reset bit
0 = no change
0 = no change
0 = no change
0 = no change
0 = no change
0 = no change
0 = no change
0 = no change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com