Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L91 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # SC28L91
Description  3.3V-5.0V Universal Asynchronous Receiver/Transmitter (UART)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L91 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button SC28L91 Datasheet HTML 27Page - NXP Semiconductors SC28L91 Datasheet HTML 28Page - NXP Semiconductors SC28L91 Datasheet HTML 29Page - NXP Semiconductors SC28L91 Datasheet HTML 30Page - NXP Semiconductors SC28L91 Datasheet HTML 31Page - NXP Semiconductors SC28L91 Datasheet HTML 32Page - NXP Semiconductors SC28L91 Datasheet HTML 33Page - NXP Semiconductors SC28L91 Datasheet HTML 34Page - NXP Semiconductors SC28L91 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
Philips Semiconductors
Product specification
SC28L91
3.3V–5.0V Universal Asynchronous
Receiver/Transmitter (UART)
2000 Sep 22
31
ISR—Interrupt Status Register
This register provides the status of all potential interrupt sources.
The contents of this register are masked by the Interrupt Mask
Register (IMR). If a bit in the ISR is a ‘1’ and the corresponding bit in
the IMR is also a ‘1’, the INTRN output will be asserted (Low). If the
corresponding bit in the IMR is a zero, the state of the bit in the ISR
has no effect on the INTRN output. Note that the IMR does not mask
the reading of the ISR – the true status will be provided regardless
of the contents of the IMR. The contents of this register are
initialized to 0x00’ when the UART is reset.
ISR Interrupt Status Register
Addr
Bit 7
Bits[6:4]
BIT 3
BIT 2
BIT 1
BIT 0
ISR
INPUT
PORT
CHANGE
Ignore in ISR reads.
Reserved for future function
Counter
Ready
Delta
Break
RxRDY/
FFULL
TxRDY
0x05
0 = not active
0 = not active
0 = not active
0 = not active
0 = not active
1 = active
1 = active
1 = active
1 = active
1 = active
ISR[7]—Input Port Change Status
This bit is a ‘1’ when a change–of–state has occurred at the IP0,
IP1, IP2, or IP3 inputs and that event has been selected to cause an
interrupt by the programming of ACR[3:0]. The bit is cleared when
the CPU reads the IPCR.
ISR[6:4]—Not used, Ignore in ISR read.
ISR[3]—Counter Ready.
In the counter mode, this bit is set when the counter reaches
terminal count and is reset when the counter is stopped by a stop
counter command.
In the timer mode, this bit is set once the cycle of the generated
square wave (every other time that the counter/timer reaches zero
count). The bit is reset by a stop counter command. The command,
however, does not stop the counter/timer.
ISR[2]— Change in Break
This bit, when set, indicates that the receiver has detected the
beginning or the end of a received break. It is reset when the CPU
issues a ‘reset break change interrupt’ command.
ISR[1]—Rx Interrupt
This bit indicates that the receiver is interrupting according to the fill
level programmed by the MR0 and MR1 registers. This bit has a
different meaning than the receiver ready/full bit in the status
register.
ISR[0]—Tx Interrupt
This bit indicates that the transmitter is interrupting according to the
interrupt level programmed in the MR0[5:4] bits. This bit has a
different meaning than the TxRDY bit in the status register.
IMR—Interrupt Mask Register
The programming of this register selects which bits in the ISR
causes an interrupt output. If a bit in the ISR is a ‘1’ and the
corresponding bit in the IMR is also a ‘1’ the INTRN output will be
asserted. If the corresponding bit in the IMR is a zero, the state of
the bit in the ISR has no effect on the INTRN output. Note that the
IMR does not mask the programmable interrupt outputs OP3–OP7
or the reading of the ISR.
IMR Interrupt Mask Register
Addr
Bit 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
IMR
INPUT
PORT
CHANGE
Reserved
Reserved
Reserved
Counter
Ready
Delta
Break
RxRDY/
FFULL
TxRDY
0x05
0 = not en-
abled
Set to 0
Set to 0
Set to 0
0 = not en-
abled
0 = not en-
abled
0 = not en-
abled
0 = not en-
abled
1 = enabled
1 = enabled
1 = enabled
1 = enabled
1 = enabled
IVR/GP– Interrupt Vector Register (68k mode) or General–purpose register (80XXX mode)
IVR/GP
Bit 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0x0C
Interrupt Vector Register (68XXX mode) or General–purpose register (80XXX mode)
This register stores the Interrupt Vector. It is initialized to 0x0F on
hardware reset and is usually changed from this value during
initialization of the SC28L91 for the 68K Mode. The contents of this
register will be placed on the data bus when IACKN is asserted low
or a read of address 0xC is performed.
When not operating in the 68XXX mode, this register may be used
as a general-purpose one-byte storage register. A convenient use
may the storing a “shadow” of the contents of another SC28L91
register (IMR, for example).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com