Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3108DCPR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3108DCPR
Description  AUDIO DIGITAL SIGNAL PROCESSORS
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3108DCPR Datasheet(HTML) 32 Page - Texas Instruments

Back Button TAS3108DCPR Datasheet HTML 28Page - Texas Instruments TAS3108DCPR Datasheet HTML 29Page - Texas Instruments TAS3108DCPR Datasheet HTML 30Page - Texas Instruments TAS3108DCPR Datasheet HTML 31Page - Texas Instruments TAS3108DCPR Datasheet HTML 32Page - Texas Instruments TAS3108DCPR Datasheet HTML 33Page - Texas Instruments TAS3108DCPR Datasheet HTML 34Page - Texas Instruments TAS3108DCPR Datasheet HTML 35Page - Texas Instruments TAS3108DCPR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
www.ti.com
Block Header 1
I2C EEPROM Memory Map
M0040−01
Data Block 1
Block Header 2
Data Block 2
w
w
w
Block Header N
Data Block N
TAS3108, TAS3108IA
AUDIO DIGITAL SIGNAL PROCESSORS
SLES152B – OCTOBER 2005 – REVISED NOVEMBER 2007
When the TAS3108/TAS3108IA operates as an I2C master, the TAS3108/TAS3108IA generates a
repeated start without an intervening stop command while downloading program and memory data from
EEPROM. When a repeated start is sent to the EEPROM in read mode, the EEPROM enters a sequential
read mode to transfer large blocks of data quickly.
The TAS3108/TAS3108IA queries the bus for an I2C EEPROM at address 1010xxx. The value xxx can be
chip select, other information, or don’t cares, depending on the EEPROM selected.
The first action of the TAS3108/TAS3108IA as master is to transmit a start condition along with the device
address of the I2C EEPROM with the read/write bit cleared (0) to indicate a write. The EEPROM
acknowledges the address byte, and the TAS3108/TAS3108IA sends a subaddress byte, which the
EEPROM acknowledges. Most EEPROMs have at least 2-byte addresses and acknowledge as many as
are appropriate. At this point, the EEPROM sends a last acknowledge and becomes a slave transmitter.
The TAS3108/TAS3108IA acknowledges each byte repeatedly to continue reading each data byte that is
stored in memory.
The memory load information starts with reading the header and data information that starts at
subaddress 0 of the EEPROM. This information must then be stored in sequential memory addresses with
no intervening gaps. The data blocks are contiguous blocks of data that immediately follow the header
locations.
The TAS3108/TAS3108IA memory data can be stored and loaded in (almost) any order. Additionally, this
addressing scheme permits portions of the TAS3108/TAS3108IA internal memories to be loaded.
Figure 6-5. EEPROM Address Map
The TAS3108/TAS3108IA sequentially reads EEPROM memory and loads its internal memory unless it
does not find a valid memory header block, is not able to read the next memory location because the end
of memory was reached, detects a checksum error, or reads an end-of-program header block. When it
encounters an invalid header or read error, the TAS3108/TAS3108IA attempts to read the header or
memory location three times before it determines that it has an error. If the TAS3108/TAS3108IA
encounters a checksum error it attempts to reread the entire block of memory two more times before it
determines that it has an error.
Microprocessor Controller
32
Submit Documentation Feedback
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com