Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3108DCPR Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3108DCPR
Description  AUDIO DIGITAL SIGNAL PROCESSORS
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3108DCPR Datasheet(HTML) 34 Page - Texas Instruments

Back Button TAS3108DCPR Datasheet HTML 30Page - Texas Instruments TAS3108DCPR Datasheet HTML 31Page - Texas Instruments TAS3108DCPR Datasheet HTML 32Page - Texas Instruments TAS3108DCPR Datasheet HTML 33Page - Texas Instruments TAS3108DCPR Datasheet HTML 34Page - Texas Instruments TAS3108DCPR Datasheet HTML 35Page - Texas Instruments TAS3108DCPR Datasheet HTML 36Page - Texas Instruments TAS3108DCPR Datasheet HTML 37Page - Texas Instruments TAS3108DCPR Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 63 page
background image
www.ti.com
TAS3108, TAS3108IA
AUDIO DIGITAL SIGNAL PROCESSORS
SLES152B – OCTOBER 2005 – REVISED NOVEMBER 2007
Table 6-5. TAS3108/TAS3108IA Memory Block Structures
STARTING
DATA BLOCK FORMAT
SIZE
NOTES
BYTE
12-Byte Header Block
0
Checksum code MS byte
2 bytes
Checksum of bytes 2 through N + 12
Checksum code LS byte
2
Header ID byte 1 = 0x00
2 bytes
Must be 0x001F for the TAS3108/TAS3108IA to load
Header ID byte 2 = 0x1F
4
Memory to be loaded
1 byte
0x00 Microprocessor program memory or termination
header
0x01 Microprocessor external data memory
0x02 Audio DSP core program memory
0x03 Audio DSP core coefficient memory
0x04 Audio DSP core data memory
0x05–0x0F Reserved for future expansion
5
0x00
1 byte
Unused
6
Start TAS3108/TAS3108IA memory address MS
2 bytes
If this is a termination header, this value is 0000.
byte
Start TAS3108/TAS3108IA memory address LS byte
8
Total number of bytes transferred MS byte
2 bytes
12 + data bytes + last checksum bytes. If this is a
termination header, this value is 0000.
Total number of bytes transferred LS byte
10
0x00
1 bytes
Unused
11
0x00
1 bytes
Unused
Data Block for Microprocessor Program or Data Memory (Following 12-Byte Header)
12
Data byte 1 (LS byte)
4 bytes
1–4 microprocessor bytes
Data byte 2
Data byte 3
Data byte 4 (MS byte)
16
Data byte 5
4 bytes
5–8 microprocessor bytes
Data byte 6
Data byte 7
Data byte 8
•
•
•
N + 8
Data byte 4*(Z – 1) + 1
4 bytes
Data byte 4*(Z – 1) + 2
Data byte 4*(Z – 1) + 3
Data byte 4*(Z – 1) + 4 = N
N + 12
0x00
4 bytes
Repeated checksum bytes 2 through N + 11
0x00
Checksum code MS byte
Checksum code LS byte
Data Block for Audio DSP Core Coefficient Memory (Following 12-Byte Header)
12
Data byte 1 (LS byte)
4 bytes
Coefficient word 1 (valid data in D27–D0) D7–D0
Data byte 2
D15–D8
Data byte 3
D23–D16
Data byte 4 (MS byte)
D31–D24
Microprocessor Controller
34
Submit Documentation Feedback
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com