Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3108DCPR Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3108DCPR
Description  AUDIO DIGITAL SIGNAL PROCESSORS
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3108DCPR Datasheet(HTML) 46 Page - Texas Instruments

Back Button TAS3108DCPR Datasheet HTML 42Page - Texas Instruments TAS3108DCPR Datasheet HTML 43Page - Texas Instruments TAS3108DCPR Datasheet HTML 44Page - Texas Instruments TAS3108DCPR Datasheet HTML 45Page - Texas Instruments TAS3108DCPR Datasheet HTML 46Page - Texas Instruments TAS3108DCPR Datasheet HTML 47Page - Texas Instruments TAS3108DCPR Datasheet HTML 48Page - Texas Instruments TAS3108DCPR Datasheet HTML 49Page - Texas Instruments TAS3108DCPR Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 63 page
background image
www.ti.com
8.5 Timing Characteristics
8.5.1
Master Clock Signals (TAS3108/TAS3108IA)
XTALI
MCLKO
MCLKI
tw(MCLKI)
tf(MCLKO)
tc(1)
tc(2)
tc(3)
tw(MCLKO)
tr(MCLKO)
td(MI-MO)
T0088-01
TAS3108, TAS3108IA
AUDIO DIGITAL SIGNAL PROCESSORS
SLES152B – OCTOBER 2005 – REVISED NOVEMBER 2007
The following sections describe the timing characteristics of the TAS3108/TAS3108IA.
over recommended operating conditions (unless otherwise noted)
TEST
PARAMETER
MIN
TYP
MAX
UNIT
CONDITIONS
f(XTALI)
Frequency, XTALI (1/ tc(1))
See (1)
6(2)
20(2)
MHz
tc(1)
Cycle time, XTALI
50(2)
166(2)
ns
f(MCLKI)
Frequency, MCLKI (1/ tc(2))
6(2)
25
MHz
tw(MCLKI)
Pulse duration, MCLKI high
See (3)
0.4 tc(2)
0.5 tc(2)
0.6 tc(2)
ns
MCLKI jitter
±5(2)
ns
f(MCLKO)
Frequency, MCLKO (1/ tc(3))
6(2)
25(2)
MHz
tr(MCLKO)
Rise time, MCLKO
CL = 30 pF
15(2)
ns
tf(MCLKO)
Fall time, MCLKO
CL = 30 pF
15(2)
ns
tw(MCLKO)
Pulse duration, MCLKO high
See (4)
HMCLKO
ns
XTALI master clock source
80
MCLKO jitter
ps
MCLKI master clock source
See (5)
Delay time, MCLKI rising MCLKO = MCLKI
See (6)
20(2)
td(MI-MO)
edge to MCLKO rising
ns
MCLKO < MCLKI
See (6) (7)
20(2)
edge
(1)
Duty cycle is 50/50.
(2)
This measurement is specified by design.
(3)
Period of MCLKI = TMCLKI = 1 / fMCLKI
(4)
HMCLKO = 1/(2 × MCLKO). MCLKO has the same duty cycle as MCLKI when MCLKO = MCLKI. When MCLKO = 0.5 MCLKI or 0.25
MCLKI, the duty cycle of MCLKO is typically 50%.
(5)
When MCLKO is derived from MCLKI, MCLKO jitter = MCLKI jitter
(6)
Only applies when MCLKI is selected as master source clock
(7)
Also applies to MCLKO falling edge when MCLKO = MCLKI/2 or MCLKI/4.
Figure 8-1. Master Clock Signal Timing Waveforms
46
Electrical Specifications
Submit Documentation Feedback
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com