Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3108DCPR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3108DCPR
Description  AUDIO DIGITAL SIGNAL PROCESSORS
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3108DCPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS3108DCPR Datasheet HTML 5Page - Texas Instruments TAS3108DCPR Datasheet HTML 6Page - Texas Instruments TAS3108DCPR Datasheet HTML 7Page - Texas Instruments TAS3108DCPR Datasheet HTML 8Page - Texas Instruments TAS3108DCPR Datasheet HTML 9Page - Texas Instruments TAS3108DCPR Datasheet HTML 10Page - Texas Instruments TAS3108DCPR Datasheet HTML 11Page - Texas Instruments TAS3108DCPR Datasheet HTML 12Page - Texas Instruments TAS3108DCPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
www.ti.com
3.7.2
GPIO Pin Function After Device Is Programmed
3.8 Input and Output Serial Audio Ports
TAS3108, TAS3108IA
AUDIO DIGITAL SIGNAL PROCESSORS
SLES152B – OCTOBER 2005 – REVISED NOVEMBER 2007
longer driving the GPIO pin low after the load has completed (~100 ms following a reset if no EEPROM
is present), the state of the GPIO pin can be observed.
Then the system controller can access the TAS3108/TAS3108IA through the I2C interface and read the
status register to determine the load status.
If the GPIO pin state is not observed, the only indication that the device has completed its initialization
procedure is that the TAS3108/TAS3108IA streams audio and the I2C slave interface has been enabled.
Once the TAS3108/TAS3108IA has been programmed, either through a successful boot load or via slave
I2C download, the operation of GPIO can be programmed to be an input and/or output.
The TAS3108/TAS3108IA supports system architectures that require data format conversions between
TDM and non-TDM of the same format type without the need for additional glue logic. In addition, the
TAS3108/TAS3108IA supports data format conversions between right justified and I2S and between left
justified and I2S. All the supported conversions are listed in Table 3-1. If the input port is configured for a
TDM format, only SDIN1 is active. If a TDM format is selected for the output port, only SDOUT1 is active.
Table 3-1. Supported Conversions
INPUT SAP
OUTPUT SAP
(SDIN1, SDIN2, SDIN3, SDIN4)
(SDOUT1, SDOUT2, SDOUT3, SDOUT4)
2 channel left justified
TDM left justified
2 channel left justified
2 channel I2S
TDM left justified
2 channel left justified
2 channel I2S
TDM I2S
TDM I2S
2 channel I2S
2 channel I2S
2 channel leftjustified
2 channel I2S
2 channel right justified
2 channel right justified
2 channel I2S
Submit Documentation Feedback
Physical Characteristics
9
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com