Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3108DCPR Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3108DCPR
Description  AUDIO DIGITAL SIGNAL PROCESSORS
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3108DCPR Datasheet(HTML) 49 Page - Texas Instruments

Back Button TAS3108DCPR Datasheet HTML 45Page - Texas Instruments TAS3108DCPR Datasheet HTML 46Page - Texas Instruments TAS3108DCPR Datasheet HTML 47Page - Texas Instruments TAS3108DCPR Datasheet HTML 48Page - Texas Instruments TAS3108DCPR Datasheet HTML 49Page - Texas Instruments TAS3108DCPR Datasheet HTML 50Page - Texas Instruments TAS3108DCPR Datasheet HTML 51Page - Texas Instruments TAS3108DCPR Datasheet HTML 52Page - Texas Instruments TAS3108DCPR Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
www.ti.com
8.5.4 Pin-Related Characteristics of the SDA and SCL I/O Stages for F/S-Mode I
2C-Bus Devices
TAS3108, TAS3108IA
AUDIO DIGITAL SIGNAL PROCESSORS
SLES152B – OCTOBER 2005 – REVISED NOVEMBER 2007
STANDARD MODE
FAST MODE
PARAMETER
TEST CONDITIONS
UNIT
MIN
MAX
MIN
MAX
VIL
LOW-level input voltage
–0.5(1)
0.8
–0.5(1)
0.8
V
VIH
HIGH-level input voltage
2
2
V
Vhys
Hysteresis of inputs
N/A
N/A
0.05 VDD
(1)
V
LOW-level output voltage (open drain or
VOL1
3-mA sink current
0
0.4(1)
V
open collector)
Bus capacitance from 10 pF
7 + 0.1 Cb
tof
Output fall time from VIHmin to VILmax
250(1)
250(1)
ns
to 400 pF
(2) (1)
II
Input current, each I/O pin
–10
10
–10(3)
10(3)
µA
SCL pulse duration of spikes that must
tSP(SCL)
N/A
N/A
14(4)(1)
ns
be suppressed by the input filter
SDA pulse duration of spikes that must
tSP(SDA)
N/A
N/A
22(4)(1)
ns
be suppressed by the input filter
CI
Capacitance, each I/O pin
10(1)
10(1)
pF
(1)
This measurement in specified by design.
(2)
Cb = capacitance of one bus line in pF. The output fall time is faster than the standard I
2C specification.
(3)
The I/O pins of fast-mode devices must not obstruct the SDA and SDL lines if VDD is switched off.
(4)
These values are valid at the 135-MHz DSP clock rate. If DSP clock is reduced by one half, the tSP doubles.
NOTE
SDA does not have the standard I
2C specification 300-ns internal hold time. SDA must be
valid by the rising and falling edges of SCL.
Submit Documentation Feedback
Electrical Specifications
49
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com