Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3108DCPR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3108DCPR
Description  AUDIO DIGITAL SIGNAL PROCESSORS
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3108DCPR Datasheet(HTML) 33 Page - Texas Instruments

Back Button TAS3108DCPR Datasheet HTML 29Page - Texas Instruments TAS3108DCPR Datasheet HTML 30Page - Texas Instruments TAS3108DCPR Datasheet HTML 31Page - Texas Instruments TAS3108DCPR Datasheet HTML 32Page - Texas Instruments TAS3108DCPR Datasheet HTML 33Page - Texas Instruments TAS3108DCPR Datasheet HTML 34Page - Texas Instruments TAS3108DCPR Datasheet HTML 35Page - Texas Instruments TAS3108DCPR Datasheet HTML 36Page - Texas Instruments TAS3108DCPR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 63 page
background image
www.ti.com
TAS3108, TAS3108IA
AUDIO DIGITAL SIGNAL PROCESSORS
SLES152B – OCTOBER 2005 – REVISED NOVEMBER 2007
Once the microprocessor program memory has been loaded, it cannot be reloaded until the
TAS3108/TAS3108IA has been reset.
If an error is encountered, TAS3108/TAS3108IA terminates its memory-load operation, loads the default
configuration, and disables further master I2C bus operations.
If an end-of-program data block is read, the TAS3108/TAS3108IA has completed the initial program load.
The I2C master mode uses the starting and ending I2C checksums to verify a proper EEPROM download.
The first 16-bit data word received from the EEPROM, the I2C checksum at subaddress 0x00, is stored
and compared against the 16-bit data word received for the last subaddress, the ending I2C checksum,
and the checksum that is computed during the download. These three values must be equal. If the read
and computed values do not match, the TAS3108/TAS3108IA sets the memory read error bits in the
status register and repeats the download from the EEPROM two more times. If the comparison check fails
the third time, the TAS3108/TAS3108IA sets the microprocessor program to the default value.
Table 6-5 shows the format of the EEPROM or other external memory load file. Each line of the file is a
byte (in ASCII format). The checksum is the summation of all the bytes (with beginning and ending
checksum fields = 00). The final checksum inserted into the checksum field is the lowest significant four
bytes of the checksum.
Example:
Given the following example 8051 data or program block (must be a multiple of 4 bytes for these blocks):
10h
20h
30h
40h
50h
60h
70h
80h
The checksum = 10h + 20h + 30h + 30h + 40h + 50h + 60h + 70h + 80h = 240h, so
the values put in the checksum fields are MS byte = 02h and LS byte = 40h.
If the checksum is > FFFFh, the 2-byte checksum field is the least-significant two bytes.
For example, if the checksum is 1D 45B6h, the checksum field is MS byte = 45h and LS byte = B6h.
Submit Documentation Feedback
Microprocessor Controller
33
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com