Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3108DCPR Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3108DCPR
Description  AUDIO DIGITAL SIGNAL PROCESSORS
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3108DCPR Datasheet(HTML) 47 Page - Texas Instruments

Back Button TAS3108DCPR Datasheet HTML 43Page - Texas Instruments TAS3108DCPR Datasheet HTML 44Page - Texas Instruments TAS3108DCPR Datasheet HTML 45Page - Texas Instruments TAS3108DCPR Datasheet HTML 46Page - Texas Instruments TAS3108DCPR Datasheet HTML 47Page - Texas Instruments TAS3108DCPR Datasheet HTML 48Page - Texas Instruments TAS3108DCPR Datasheet HTML 49Page - Texas Instruments TAS3108DCPR Datasheet HTML 50Page - Texas Instruments TAS3108DCPR Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 63 page
background image
www.ti.com
8.5.2
Serial Audio Port Slave Mode Signals (TAS3108/TAS3108IA)
th1
tsu1
tpd1
tpd2
tsu2
th2
tc(SCLKIN)
T0090-01
SCLKIN
LRCLK
(Input)
SDOUT1
SDOUT2
SDOUT3
SDOUT4
SCLKOUT2
SDIN1
SDIN2
SDIN3
SDIN4
tw(SCLKIN)
TAS3108, TAS3108IA
AUDIO DIGITAL SIGNAL PROCESSORS
SLES152B – OCTOBER 2005 – REVISED NOVEMBER 2007
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST
MIN
TYP
MAX
UNIT
CONDITIONS
fLRCLK
Frequency, LRCLK (fS)
32(1)
192(1)
kHz
tw(SCLKIN) Pulse duration, SCLKIN high
See (2)
0.4 tc(SCLKIN)
(1)
0.5 tc(SCLKIN) 0.6 tc(SCLKIN)
(1)
ns
fSCLKIN
Frequency, SCLKIN
See (3)
64 fS
(1)
25(1)
MHz
tpd1
Propagation delay, SCLKIN falling edge to SDOUT
15(1)
ns
tsu1
Setup time, LRCLK to SCLKIN rising edge
10(1)
ns
th1
Hold time, LRCLK from SCLKIN rising edge
0.5 tc(SCLKIN)
(1)
ns
tsu2
Setup time, SDIN to SCLKIN rising edge
10(1)
ns
th2
Hold time, SDIN from SCLKIN rising edge
10(1)
ns
Propagation delay, SCLKIN falling edge to
tpd2
17(1)
ns
SCLKOUT2 falling edge
(1)
This measurement is specified by design.
(2)
Period of SCLKIN = TSCLKIN = 1/fSCLKIN
(3)
Duty cycle is 50/50.
Figure 8-2. Serial Audio Port Slave Mode Timing Waveforms
Submit Documentation Feedback
Electrical Specifications
47
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com