Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3108DCPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3108DCPR
Description  AUDIO DIGITAL SIGNAL PROCESSORS
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3108DCPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS3108DCPR Datasheet HTML 3Page - Texas Instruments TAS3108DCPR Datasheet HTML 4Page - Texas Instruments TAS3108DCPR Datasheet HTML 5Page - Texas Instruments TAS3108DCPR Datasheet HTML 6Page - Texas Instruments TAS3108DCPR Datasheet HTML 7Page - Texas Instruments TAS3108DCPR Datasheet HTML 8Page - Texas Instruments TAS3108DCPR Datasheet HTML 9Page - Texas Instruments TAS3108DCPR Datasheet HTML 10Page - Texas Instruments TAS3108DCPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
www.ti.com
3.2 Terminal Descriptions
3.3 Reset (RESET)
TAS3108, TAS3108IA
AUDIO DIGITAL SIGNAL PROCESSORS
SLES152B – OCTOBER 2005 – REVISED NOVEMBER 2007
TERMINAL
PULLUP/
INPUT/
DESCRIPTION
PULLDOWN(2)
OUTPUT(1)
NAME
NO.
AVDD
38
I
Analog power supply (3.3 V)
AVSS
1
Analog ground
CS0
7
I
Pulldown
Chip select
DVDD
9, 30
I
Digital power supply input (3.3 V)
DVSS
10, 29
Digital ground
GPIO
8
I/O
Pullup
GPIO control (user programmable)
LRCLK
19
I/O
Pulldown
Sample rate clock (fS)
MCLKIN
5
I
Master clock input (connect to ground when not in use)
MCLKO
21
O
Master clock output
MICROCLK_DIV
6
I
Pulldown
Internal microprocessor clock divide control
Power down. Powers down all logic and stops all clocks, active low.
PDN
31
I
Pullup
Coefficient memory remains stable through the power-down cycle.
PLL0
34
I
Pullup
PLL control 0
PLL1
35
I
Pulldown
PLL control 1
PLL2
36
I
Pullup
PLL control 2
RESERVED
33, 37
Reserved. Connect to ground
RESET
32
I
Pullup
Reset, active low
SCL1
16
I/O
I2C port 1 clock (always a slave)
SCL2
18
I/O
I2C port 2 clock (always a master)
SCLKIN
20
I
Pulldown
Bit clock input
SCLKOUT1
22
O
Bit clock 1 out. Used to receive input serial data.
SCLKOUT2
23
O
Bit clock 2 out. Used to clock output serial data.
SDA1
15
I/O
I2C port 1 data (always a slave)
SDA2
17
I/O
I2C port 2 data (always a master)
SDIN1
11
I
Pulldown
Serial data input 1
SDIN2
12
I
Pulldown
Serial data input 2
SDIN3
13
I
Pulldown
Serial data input 3
SDIN4
14
I
Pulldown
Serial data input 4
SDOUT1
27
O
Serial data output 1
SDOUT2
26
O
Serial data output 2
SDOUT3
25
O
Serial data output 3
SDOUT4
24
O
Serial data output 4
VR_PLL
2
Internal regulator. This pin must not be used to power external devices.
XTALI
3
O
Oscillator input (connect to ground when not in use)
XTALO
4
O
Oscillator output
VR_DIG
28
Internal regulator. This pin must not be used to power external devices.
(1)
I = input, O = output
(2)
All pullups are 20-
µA weak pullups, and all pulldowns are 20-µA weak pulldowns. The pullups and pulldowns are included to ensure
proper input logic levels if the terminals are left unconnected (pullups
→ logic 1 input; pulldowns → logic 0 input). Devices that drive
inputs with pullups must be able to sink 20
µA while maintaining a logic-0 drive level. Devices that drive inputs with pulldowns must be
able to source 20
µA while maintaining a logic-1 drive level.
The RESET pin is an asynchronous control signal that restores all TAS3108/TAS3108IA components to
the default configuration. When a reset occurs, the audio DSP core is put into an idle state and the 8051
starts initialization. A valid MCLKI or XTLI must be present when clearing the RESET pin to initiate a
device reset. A reset can be initiated by applying a logic 0 on RESET. A reset can also be issued at power
turnon by the three internal power supplies.
Submit Documentation Feedback
Physical Characteristics
7
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com