Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS3108DCPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3108DCPR
Description  AUDIO DIGITAL SIGNAL PROCESSORS
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3108DCPR Datasheet(HTML) 5 Page - Texas Instruments

  TAS3108DCPR Datasheet HTML 1Page - Texas Instruments TAS3108DCPR Datasheet HTML 2Page - Texas Instruments TAS3108DCPR Datasheet HTML 3Page - Texas Instruments TAS3108DCPR Datasheet HTML 4Page - Texas Instruments TAS3108DCPR Datasheet HTML 5Page - Texas Instruments TAS3108DCPR Datasheet HTML 6Page - Texas Instruments TAS3108DCPR Datasheet HTML 7Page - Texas Instruments TAS3108DCPR Datasheet HTML 8Page - Texas Instruments TAS3108DCPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
www.ti.com
2.7 Audio DSP Core
TAS3108, TAS3108IA
AUDIO DIGITAL SIGNAL PROCESSORS
SLES152B – OCTOBER 2005 – REVISED NOVEMBER 2007
The audio DSP core arithmetic unit is a fixed-point computational engine consisting of an arithmetic unit
and data and coefficient memory blocks. The primary features of the audio DSP core are:
• 48-bit data path with 76-bit accumulator
• Hardware multiplier (28 bit × 48bit)
• Read/write single-cycle memory access
• Input is 48-bit 2s-complement data multiplexed in from the SAP immediately following an LRCLK pulse.
• Output is 32-bit 2s-complement data on four buses.
• Separate control for writing to delay memory
• Separate coefficient memory (28 bit) and data memory (48 bit)
• Linear feedback shift register (LFSR) is a random-number generator that can be used to dither the
audio.
• Coefficient RAM, data RAM, LFSR seed, program counter, and memory pointers are all mapped into
the same 5.88K memory space for convenient addressing by the microprocessor.
• Memory interface block contains four pointers – two for data memory and two for coefficient memory.
The audio DSP core is used to implement all audio processing functions.
Submit Documentation Feedback
Functional Description
5
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com