Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5516-ASZ Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS5516-ASZ
Description  16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5516-ASZ Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS5516-ASZ Datasheet HTML 7Page - Cirrus Logic CS5516-ASZ Datasheet HTML 8Page - Cirrus Logic CS5516-ASZ Datasheet HTML 9Page - Cirrus Logic CS5516-ASZ Datasheet HTML 10Page - Cirrus Logic CS5516-ASZ Datasheet HTML 11Page - Cirrus Logic CS5516-ASZ Datasheet HTML 12Page - Cirrus Logic CS5516-ASZ Datasheet HTML 13Page - Cirrus Logic CS5516-ASZ Datasheet HTML 14Page - Cirrus Logic CS5516-ASZ Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
THEORY OF OPERATION
The front page of this data sheet illustrates the
block diagram of the CS5516 and CS5520 A/D
converter. The device includes an instrumenta-
tion amplifier with a fixed gain of 25. This
chopper-stabilized instrumentation amplifier is
followed by a programmable gain stage with
gain settings of 1, 2, 4, and 8. The sensitivity of
the input is a function of the programmable gain
setting and of the reference voltage connected
between the VREF+ and VREF- pins of the de-
vice. The full scale of the converter is VREF/( G
x 25) in unipolar, or
±VREF/(G x 25) in bipolar,
where VREF is the reference voltage between
the VREF+ and VREF- pins, G is the gain set-
ting of the programmable gain amplifier, and 25
is the gain of the instrumentation amplifier.
After the programmable gain block, the output
of a 4-bit DAC is combined with the input sig-
nal. The DAC can be used to add or subtract
offset from the analog input signal. Offsets as
large as
±200 % of full scale can be trimmed
from the input signal.
The CS5516 and CS5520 are optimized to per-
form ratiometric measurement of bridge-type
transducers. The devices support dc bridge exci-
tation or two modes of ac (switched dc) bridge
excitation. In the switched-dc modes of opera-
tion the converter fully demodulates both the
reference voltage and the analog input signal
from the bridge.
XOUT
VD+
VA+
VREF+
VREF-
DGND
VA-
1
µF
AIN+
AIN-
MDRV-
0.1
µF
SCLK
SOD
SID
SMODE
CS5516
CS5520
XIN
0.1
µF
10
Ω
0.1
µF
VD-
AGND2
MDRV+
DRDY
CS
10
Ω
+5V
Analog
Supply
-5V
Analog
Supply
0.1
µF
1
µF1 µF
1
µF
1
µF
RST
+
-
1
2
9
10
6
7
5
8
AGND1
320
23
22
16
18
17
24
15
13
14
19
21
4
Unused logic inputs
must be connected
to DGND or VD+
Optional
Clock
Source
Control
Logic
Serial
Data
Interface
Figure 2. System Connection Diagram: DC Excitation Mode (EXC bit = 0), F1 = F0 = 0.
CS5516, CS5520
DS74F1
11
DS74F2
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com