Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5516-ASZ Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS5516-ASZ
Description  16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5516-ASZ Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS5516-ASZ Datasheet HTML 30Page - Cirrus Logic CS5516-ASZ Datasheet HTML 31Page - Cirrus Logic CS5516-ASZ Datasheet HTML 32Page - Cirrus Logic CS5516-ASZ Datasheet HTML 33Page - Cirrus Logic CS5516-ASZ Datasheet HTML 34Page - Cirrus Logic CS5516-ASZ Datasheet HTML 35Page - Cirrus Logic CS5516-ASZ Datasheet HTML 36Page - Cirrus Logic CS5516-ASZ Datasheet HTML 37Page - Cirrus Logic CS5516-ASZ Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
posed of one byte for command which is trans-
mitted with its LSB first.
The command is
followed by three data bytes which make up the
24-bit word to be written to the selected register
of the A/D converter. The three bytes are trans-
mitted lowest order byte first (bits 7 - 0) with the
LSB of the byte transmitted first.
Figure 3 illustrates the power supply connections
to the evaluation board. Voltages of +5 and -5
analog and +5 digital are required.
Using the Evaluation Board
Prior to using the board to evaluate the CS5516
or CS5520 A/D converter, a good understanding
of the full potential of the converter is necessary.
It is recommended that the CS5516/CS5520 de-
vice data sheet be thoroughly read prior to
attemp ting to u se the ev al uation board.
The CS5516 or CS5520 bridge transducer A/D
converter actually contains two A/D converters.
One of the converters is used to convert the
VREF voltage input, and the other is used to
convert the AIN signal input.
Both converters
utilize an on-chip voltage reference to perform
conversions of their respective inputs.
Since
both converters use the same reference they
track one another. The digital processing logic
of the A/D converter depends on the presence of
both signals to properly compute a digital output
word. If the evaluation board is configured for
bridge measurement, and no bridge (load cell or
simulator) is connected to the bridge transducer
terminal block, the converter will output a code
of zero because no reference voltage is present
between the VREF+ and VREF- pins.
The span of the AIN input signal is determined
by a combination of the instrumentation ampli-
fier gain (X25), the programmable gain amplifier
(PGA) gain, the magnitude of the voltage be-
tween the VREF+ and VREF- input pins, and
the calibration words for gain and offset. For ex-
Register
Read
Write
Conversion Data Register
50(H)
Configuration Register
51(H)
D1(H)
DAC Register
53(H)
D3(H)
Gain Register
52(H)
D2(H)
AIN Ratiometric Offset Register
54(H)
D4(H)
AIN Nonratiometric Offset Register
55(H)
D5(H)
VREF Nonratiometric Offset Register
56(H)
D6(H)
Table 1. Microcontroller commands via RS-232
+5VD
0.1
µF
+
47
µF
+5
+5VA
0.1
µF
+
47
µF
0.1
µF
+
47
µF
-5VA
-5V
+5V
Z1
Z2
C3
C1
C4
C2
Z3
C5
C6
AGND
DGND
Figure 3. Power Supplies
CDB5516/CDB5520
34
DS74DB3
34
DS74DB4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com