Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5516-ASZ Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS5516-ASZ
Description  16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5516-ASZ Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS5516-ASZ Datasheet HTML 22Page - Cirrus Logic CS5516-ASZ Datasheet HTML 23Page - Cirrus Logic CS5516-ASZ Datasheet HTML 24Page - Cirrus Logic CS5516-ASZ Datasheet HTML 25Page - Cirrus Logic CS5516-ASZ Datasheet HTML 26Page - Cirrus Logic CS5516-ASZ Datasheet HTML 27Page - Cirrus Logic CS5516-ASZ Datasheet HTML 28Page - Cirrus Logic CS5516-ASZ Datasheet HTML 29Page - Cirrus Logic CS5516-ASZ Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
The filter will start a new convolution on the
next rising edge of the XIN clock after the 24th
SCLK falls.
Sleep Mode
The CS5516/20 configuration register has an
A/S bit which allows the users to put the device
in a sleep condition to lower quiescent power.
Upon reset the A/S bit device is set to a logic 0
which places the device in the ’awake’ condi-
tion. Writing a 1 to the A/S bit will shutdown
most of the chip, including the oscillator. It is
desirable to use the following sequence when
coming out of sleep. Write a logic 0 to the A/S
bit of the configuration register.
In the same
configuration word write a logic 1 to the RF bit
of the configuration register. Then wait until it is
certain that the oscillator has started. After the
oscillator has started or a clock present on the
XIN pin, set the RF bit back to 0. The user
should then wait at least 6 output word update
periods before expecting a valid output data
word.
Noise Performance
Typical noise performance for the converter is
listed in the specification tables for each PGA
gain. Figure 13 illustrates a noise histogram for
1000 output conversions from the CS5520. The
data for the histogram was collected using the
CDB5520 evaluation board; with VREF at 2.5
volts, PGA = 4, bipolar mode. The data shows
the standard deviation of the data set is 3.2
LSBs. One LSB is equivalent to [VREF X 2(bi-
polar)]/ [Inst amp gain X PGA gain X number
of codes] or (2.5 X 2)/ (25 X 4 X 2E20) = 47.7
nV. One standard deviation is equivalent to rms
if the data is Normal or Gaussian. The rms noise
presented by the plot is 153 nV, which is in
good agreement with the typical noise specifica-
tion of 150 nV for a PGA gain of 4.
Applications
See the Application Notes section of the databook.
Schematic & Layout Review Service
Confirm Optimum
Schematic & Layout
Before Building Your Board.
Confirm Optimum
Schematic & Layout
Before Building Your Board.
For Our Free Review Service
Call Applications Engineering.
For Our Free Review Service
Call Applications Engineering.
Call: (512) 445-7222
0
20
40
60
80
100
120
140
0 1 2 345 6 7 8
-1
-2
-3
-4
-5
-6
-7
-8
Figure 13. CS5520 Noise Histogram.
CS5516, CS5520
26
DS74F1
26
DS74F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com