Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5516-ASZ Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS5516-ASZ
Description  16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5516-ASZ Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS5516-ASZ Datasheet HTML 12Page - Cirrus Logic CS5516-ASZ Datasheet HTML 13Page - Cirrus Logic CS5516-ASZ Datasheet HTML 14Page - Cirrus Logic CS5516-ASZ Datasheet HTML 15Page - Cirrus Logic CS5516-ASZ Datasheet HTML 16Page - Cirrus Logic CS5516-ASZ Datasheet HTML 17Page - Cirrus Logic CS5516-ASZ Datasheet HTML 18Page - Cirrus Logic CS5516-ASZ Datasheet HTML 19Page - Cirrus Logic CS5516-ASZ Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
the proper 24 bit calibration words in the VREF
and AIN non-ratiometric registers. Note that the
two non-ratiometric offsets can be calibrated si-
multaneously or independently, but they must be
calibrated prior to the other calibration steps if
non-ratiometric offset calibration is to be used. If
the effects of the non-ratiometric errors are not
significant enough to affect the user application,
they can be left uncalibrated (after a reset, the
non-ratiometric offset registers will contain
000000(H)).
Ratiometric Offset
Once the non-ratiometric errors have been cali-
brated, the ratiometric offset error of the AIN
channel should be calibrated next. To perform
this calibration step, a reference voltage must be
applied to the VREF+ and VREF- pins. Then,
place "zero" weight on the scale platform. This
will result in an offset voltage into the converter
which will represent the offset of the bridge, the
wiring, and the AIN input of the converter itself.
A configuration word with the EC and CC1 bits
set to logic 1 is then written into the configura-
tion register. During the ratiometric offset
calibration of AIN the microcontroller first uses
a successive approximation algorithm to com-
pute the correct values for the DAC3-DAC0 bits
of the DAC register.
This accommodates any
large offsets on the AIN input signal. Once the
four DAC bits are computed, this amount of off-
set is removed from the input signal. The
microcontroller then computes the appropriate
24 bit number to place in the AIN ratiometric
offset register to calibrate out the remaining off-
set not removed by the DAC.
Gain
After the AIN ratiometric offset has been cali-
brated, the next step is to perform a gain
calibration. Gain calibration is performed with
"full scale" weight on the scale platform. The
EC and CC0 bits of the configuration register
are set to logic 1. The gain calibration of the
AIN channel is the final calibration step. After
DRDY falls to signal the completion of this cali-
bration step, the EC bit of the configuration
register must be set back to logic 0 to terminate
the calibration mode.
Limitations in Calibration Range
There are five calibration registers in the con-
verter. There are two non-ratiometric offset
calibration registers, one for the AIN input and
one for the VREF input; one 4-bit offset trim
DAC; one ratiometric offset calibration register
for the AIN input; and one gain calibration reg-
ister. After the non-ratiometric offsets are
calibrated, an LSB in either of the 24-bit non-ra-
tiometric calibration registers represents 2
-23
proportion of an internally-scaled MDRV
(Modulator Differential Reference Voltage). At
the MDRV+ and MDRV- pins, the MDRV has a
nominal value of 3.75 volts. This voltage is in-
ternally scaled to a nominal 2.5 volts (never less
than 2.4 volts) for use with the non-ratiometric
calibration. The two non-ratiometric calibration
words are stored in 2’s complement form with
one count equal to slightly less than 300 nV at
the input of the internal A/D converter. For the
AIN channel this will be scaled down by the
gain of the instrumentation amplifier (X25) and
the PGA gain. For a PGA gain = 1, one count of
a non-ratiometric register will represent slightly
less than 12 nV. Non-ratiometric offset at the
VREF input cannot exceed
± 2.4 volts to be
within calibration range of the converter. Non-
ratiometric offset to be calibrated by the AIN
channel cannot exceed
± 2.4 volts divided by the
channel gain. With a PGA gain = 1, the maxi-
mum non-ratiometric offset which can be
calibrated on the AIN channel cannot exceed
± 96 mV.
When the ratiometric offset is calibrated, the 4-
bit DAC coarsely trims offset from the analog
signal. The ratiometric offset which remains is
finely trimmed after the signal has been con-
verted; using the contents of the ratiometric
offset register for digital correction. The DAC
CS5516, CS5520
16
DS74F1
16
DS74F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com