Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5516-ASZ Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS5516-ASZ
Description  16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5516-ASZ Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS5516-ASZ Datasheet HTML 27Page - Cirrus Logic CS5516-ASZ Datasheet HTML 28Page - Cirrus Logic CS5516-ASZ Datasheet HTML 29Page - Cirrus Logic CS5516-ASZ Datasheet HTML 30Page - Cirrus Logic CS5516-ASZ Datasheet HTML 31Page - Cirrus Logic CS5516-ASZ Datasheet HTML 32Page - Cirrus Logic CS5516-ASZ Datasheet HTML 33Page - Cirrus Logic CS5516-ASZ Datasheet HTML 34Page - Cirrus Logic CS5516-ASZ Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
31
Copyright
© Cirrus Logic, Inc. 1998
(All Rights Reserved)
Cirrus Logic, Inc.
Crystal Semiconductor Products Division
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.crystal.com
CDB5516
CDB5520
CS5516 and CS5520 ADC Evaluation Board
Features
l On-board microcontroller
l RS232 Serial Communicationswith host PC
l Supports either AC or DC bridge drive
l On-board bridge driver
l Supports ratiometric or absolute
measurements
l Evaluation software included
Description
The CDB5516 and CDB5520 provide quick and easy
evaluation of the CS5516 and CS5520 bridge transducer
A/D converters. Direct connection of the bridge to the
evaluation board is provided.
The board also contains a microcontroller, with firmware
which allows the board to be controlled via simple serial
commands, using the RS232 communications port of a
PC.
ORDERING INFORMATION
CDB5516
Evaluation Board
CDB5520
Evaluation Board
I
VREF+
VREF-
AIN+
AIN-
Clock
Microcontroller
RS232
Driver/
Receiver
RS232
Connector
BX1
BX2
+5V
0V
-5V
+5V
0V
CS5516
CS5520
SCLK
SID
SOD
Load
Cell
Bridge
Excitation
MAR ‘95
DS74DB#
Copyright © Cirrus Logic, Inc. 2005
(All Rights Reserved)
http://www.cirrus.com
CDB5516
CDB5520
CS5516 & CS5520 ADC Evaluation Boards
SEP ‘05
DS74DB4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com