Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5516-ASZ Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS5516-ASZ
Description  16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5516-ASZ Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS5516-ASZ Datasheet HTML 21Page - Cirrus Logic CS5516-ASZ Datasheet HTML 22Page - Cirrus Logic CS5516-ASZ Datasheet HTML 23Page - Cirrus Logic CS5516-ASZ Datasheet HTML 24Page - Cirrus Logic CS5516-ASZ Datasheet HTML 25Page - Cirrus Logic CS5516-ASZ Datasheet HTML 26Page - Cirrus Logic CS5516-ASZ Datasheet HTML 27Page - Cirrus Logic CS5516-ASZ Datasheet HTML 28Page - Cirrus Logic CS5516-ASZ Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
The digital filter computes a new output data
word every 81,920 XIN clock cycles. If the in-
put experiences a large change in amplitude, the
PGA gain is changed, or the DAC calibration
registers are changed, it may take up to six filter
cycles (81,920 X 6 clock cycles) for the filter to
compute an output word which is fully settled to
the input signal.
Output Coding
The CS5516/20 converters output data in binary
format when operating in unipolar mode and in
two’s complement when operating in bipolar
mode. Table 5 illustrates the output coding for
the converters. Note that when reading conver-
sion data from the converter the data word is
output MSB or sign bit first. Falling edges on
SCLK advance the data word to the next lower
bit.
The output conversion words from both the
CS5516 and the CS5520 are 24 bits long. The
CS5516 has 16 data bits followed by 8 flag bits
(all identical). The CS5520 has 20 data bits fol-
lowed by 4 flag bits (all identical). To read the
conversion data, including the error flag infor-
mation will require at least 17 SCLKs for the
CS5516 and at least 21 SCLKs for the CS5520.
Under normal operating conditions, the flag bits
will be zeroes. The flag bits will be set to all
ones whenever an overrange condition exists.
Under large overrange conditions where the in-
put signal exceeds the nominal full scale input
by approximately two times (for example:
50 mV input when the nominal full scale input
is set-up for 25 mV), the converter may be un-
able to compute a proper output code. In this
condition flag bits will be set to all 1s but the
conversion data may be a value other than full
scale plus or minus.
After the converter is first powered-up, a RST is
issued, or the device comes out of the SLEEP
mode, the first conversion data read may
erroneously have its error flag bits set to "1".
Synchronizing Multiple Converters
Multiple converters can be made to output their
conversion words at the same time if they are
operated from the same clock signal at XIN. To
synchronize multiple converters requires that
they all have their RF bit of the configuration
register written to a logic 1 and then back to 0.
The filters will be allowed to start convolutions
after the falling edge of the 24th SCLK used to
write the RF bit to the configuration register.
Unipolar Input
Voltage
Offset
Binary
Bipolar Input
Voltage
Two’s
Complement
Unipolar Input
Voltage
Offset
Binary
Bipolar Input
Voltage
Two’s
Complement
>(VFS-1.5 LSB) FFFF
>(VFS-1.5 LSB)
7FFF
>(VFS-1.5 LSB) FFFFF >(VFS-1.5 LSB)
7FFFF
VFS-1.5 LSB
FFFF
-----
FFFF
VFS-1.5 LSB
7FFF
-----
7FFE
VFS-1.5 LSB
FFFFF
-----
FFFFE
VFS-1.5 LSB
7FFFF
-----
7FFFE
VFS/2-0.5 LSB
8000
-----
7FFF
-0.5 LSB
0000
-----
FFFF
VFS/2-0.5 LSB
80000
-----
7FFFF
-0.5 LSB
00000
-----
FFFFF
+0.5 LSB
0001
-----
0000
-VFS+0.5 LSB
8001
-----
8000
+0.5 LSB
00001
-----
00000
-VFS+0.5 LSB
80001
-----
80000
<(+0.5 LSB)
0000
<(-VFS+0.5 LSB)
8000
<(+0.5 LSB)
00000 <(-VFS+0.5 LSB)
80000
CS5516 Output Coding
CS5520 Output Coding
Note: VFS in the table equals the full scale voltage between +VREF/(G x 25) and ground for unipolar mode; and
between
±VREF/(G x 25) for bipolar mode. The signal input to the A/D section of the converter has been
amplified by the instrumentation amplifier (x25) and the PGA gain, G (1, 2, 4, or 8). See text about error
flags under overrange conditions.
Table 5. Output Coding for the CS5516/20 Converters.
CS5516, CS5520
DS74F1
25
DS74F2
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com