Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5516-ASZ Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS5516-ASZ
Description  16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5516-ASZ Datasheet(HTML) 2 Page - Cirrus Logic

  CS5516-ASZ Datasheet HTML 1Page - Cirrus Logic CS5516-ASZ Datasheet HTML 2Page - Cirrus Logic CS5516-ASZ Datasheet HTML 3Page - Cirrus Logic CS5516-ASZ Datasheet HTML 4Page - Cirrus Logic CS5516-ASZ Datasheet HTML 5Page - Cirrus Logic CS5516-ASZ Datasheet HTML 6Page - Cirrus Logic CS5516-ASZ Datasheet HTML 7Page - Cirrus Logic CS5516-ASZ Datasheet HTML 8Page - Cirrus Logic CS5516-ASZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
CS5516
ANALOG CHARACTERISTICS (TA = TMIN to TMAX; VA+, VD+, MDRV+ = 5V; VA-, VD- = -5V;
VREF= 2.5V(external differential voltage across VREF+ and VREF-); fCLK = 4.9152 MHz;
AC Excitation 300 Hz; Gain = 25; Bipolar Mode; Rsource = 300
Ω with a 4.7nF to AGND at AIN (see Note 1);
unless otherwise specified.)
Parameter*
Min
Typ
Max
Units
Specified Temperature Range
-40 to +85
°C
Accuracy
Linearity Error
-
0.0015
0.003
±%FS
Differential Nonlinearity
-
±0.25
±0.5
LSB16
Unipolar Gain Error
(Note 2)
-
±8
±31
ppm
Bipolar Gain Error
(Note 2)
-
±8
±31
ppm
Unipolar/Bipolar Gain Drift
-
±1
-
ppm/
°C
Unipolar Offset
(Note 2)
-
±1
±2
LSB16
Bipolar Offset
(Note 2)
-
±1
±2
LSB16
Offset Drift
-
±0.005
-
µV/°C
Noise (Referred to Input)
Gain = 25 (25 x 1)
Gain = 50 (25 x 2)
Gain = 100 (25 x 4)
Gain = 200 (25 x 8)
-
-
-
-
250
200
150
150
-
-
-
-
nVrms
nVrms
nVrms
nVrms
Notes:
1. The AIN and VREF pins present a very high input resistance at dc and a minor dynamic load which
scales to the master clock frequency. Both source resistance and shunt capacitance are therefore
critical in determining the source impedance requirements of the CS5516 and CS5520 at these pins.
2. Applies after system calibration at the temperature of interest.
Specifications are subject to change without notice.
Unipolar Mode
Bipolar Mode
µV
LSB’s
% FS
ppm FS
LSB’s
% FS
ppm FS
0.4
0.26
0.0004
4
0.13
0.0002
2
0.76
0.50
0.0008
8
0.26
0.0004
4
1.52
1.00
0.0015
15
0.50
0.0008
8
3.04
2.00
0.0030
30
1.00
0.0015
15
6.08
4.00
0.0061
61
2.00
0.0030
30
VREF = 2.5V
PGA gain = 1
CS5516; 16-Bit Unit Conversion Factors
* Refer to the Specification Definitions immediately following the Pin Description Section.
2
DS74F1
2
DS74F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com