Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5516-ASZ Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS5516-ASZ
Description  16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5516-ASZ Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS5516-ASZ Datasheet HTML 32Page - Cirrus Logic CS5516-ASZ Datasheet HTML 33Page - Cirrus Logic CS5516-ASZ Datasheet HTML 34Page - Cirrus Logic CS5516-ASZ Datasheet HTML 35Page - Cirrus Logic CS5516-ASZ Datasheet HTML 36Page - Cirrus Logic CS5516-ASZ Datasheet HTML 37Page - Cirrus Logic CS5516-ASZ Datasheet HTML 38Page - Cirrus Logic CS5516-ASZ Datasheet HTML 39Page - Cirrus Logic CS5516-ASZ Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
must be removed from between the +VREF and
-VREF pins. It may be desirable to also remove
R5, R7, C16, and C17 in some applications.
Calibrating the A/D Converter
As explained in the CS5516/CS5520 data sheet,
the order in which the calibration steps are per-
formed are important. If one chooses to use the
non-ratiometric calibration capabilities of the
converter, the non-ratiometric errors of the
VREF and AIN channels should be calibrated
first.
The non-ratiometric calibration steps can
be performed at the same time. Before the non-
ratiometric offset calibration is initiated, the
bridge should be grounded. This can be achieved
on the evaluation board by moving the two
jumpers at the output of the MIC4428 driver to
the GND position (see Figure 1). The converter
is then instructed via the configuration register
bits to perform the non-ratiometric calibration
steps. Once the non-ratiometric calibrations are
completed, ju mpers at th e output of the
MIC4428 driver should be returned to the EXC
position.
After the non-ratiometric calibration steps are
performed, the AIN ratiometric offset is then
calibrated. With "zero weight" on the load cell,
the converter is instructed via the configuration
register to perform the AIN ratiometric offset
calibration step. Finally, with "full scale weight"
on the load cell, the converter is instructed to
perform the gain calibration step.
The converter is then ready to perform conver-
sions.
Software
The evaluation board comes with software and a
RS-232 cable to interface the board to a RS-232
port of a PC-compatible computer. The software
diskette contains a README.TXT file which
explains its operation.
+5VD
0.1
µF
+
47
µF
+5
+5VA
0.1
µF
+
47
µF
0.1
µF
+
47
µF
-5VA
-5V
+5V
Z1
Z2
C3
C1
C4
C2
Z3
C5
C6
AGND
DGND
Figure 6. Using Off-board Voltage Reference
CDB5516/CDB5520
36
DS74DB3
36
DS74DB4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com