Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5516-ASZ Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS5516-ASZ
Description  16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5516-ASZ Datasheet(HTML) 3 Page - Cirrus Logic

  CS5516-ASZ Datasheet HTML 1Page - Cirrus Logic CS5516-ASZ Datasheet HTML 2Page - Cirrus Logic CS5516-ASZ Datasheet HTML 3Page - Cirrus Logic CS5516-ASZ Datasheet HTML 4Page - Cirrus Logic CS5516-ASZ Datasheet HTML 5Page - Cirrus Logic CS5516-ASZ Datasheet HTML 6Page - Cirrus Logic CS5516-ASZ Datasheet HTML 7Page - Cirrus Logic CS5516-ASZ Datasheet HTML 8Page - Cirrus Logic CS5516-ASZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
CS5520
Unipolar Mode
Bipolar Mode
µV
LSB’s
% FS
ppm FS
LSB’s
% FS
ppm FS
0.025
0.26
0.0000238
0.25
0.13
0.0000119
0.125
0.047
0.50
0.0000477
0.50
0.26
0.0000238
0.25
0.095
1.00
0.0000954
1.0
0.50
0.0000477
0.50
0.190
2.00
0.0001907
2.0
1.00
0.0000954
1.0
0.380
4.00
0.0003814
4.0
2.00
0.0001907
2.0
VREF = 2.5V
PGA gain = 1
CS5520; 20-Bit Unit Conversion Factors
Specifications are subject to change without notice.
* Refer to the Specification Definitions immediately following the Pin Description Section.
ANALOG CHARACTERISTICS (continued)
Parameter*
Min
Typ
Max
Units
Specified Temperature Range
-40 to +85
°C
Accuracy
Linearity Error
-
0.0007
0.0015
±%FS
Differential Nonlinearity
(No Missing Codes)
20
-
-
Bits
Unipolar Gain Error
(Note 2)
-
±4
±24
ppm
Bipolar Gain Error
(Note 2)
-
±4
±24
ppm
Unipolar/Bipolar Gain Drift
-
±1
-
ppm/
°C
Unipolar Offset
(Note 2)
-
±4
±8
LSB20
Bipolar Offset
(Note 2)
-
±4
±8
LSB20
Offset Drift
-
±0.005
-
µV/°C
Noise (Referred to Input)
Gain = 25 (25 x 1)
Gain = 50 (25 x 2)
Gain = 100 (25 x 4)
Gain = 200 (25 x 8)
-
-
-
-
250
200
150
150
-
-
-
-
nVrms
nVrms
nVrms
nVrms
DS74F1
3
DS74F2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com