Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC32044MFKB Datasheet(PDF) 18 Page - Texas Instruments

Part # TLC32044MFKB
Description  VOICE-BAND ANALOG INTERFACE CIRCUITS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC32044MFKB Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLC32044MFKB Datasheet HTML 14Page - Texas Instruments TLC32044MFKB Datasheet HTML 15Page - Texas Instruments TLC32044MFKB Datasheet HTML 16Page - Texas Instruments TLC32044MFKB Datasheet HTML 17Page - Texas Instruments TLC32044MFKB Datasheet HTML 18Page - Texas Instruments TLC32044MFKB Datasheet HTML 19Page - Texas Instruments TLC32044MFKB Datasheet HTML 20Page - Texas Instruments TLC32044MFKB Datasheet HTML 21Page - Texas Instruments TLC32044MFKB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
TLC32044C, TLC32044E, TLC32044I, TLC32044M, TLC32045C, TLC32045I
VOICE-BAND ANALOG INTERFACE CIRCUITS
SLAS017F − MARCH 1988 − REVISED MAY 1995
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage range, VCC+ (see Note 1)
−0.3 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage range, VDD
−0.3 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO
−0.3 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
−0.3 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital ground voltage range
−0.3 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range: TLC32044C, TLC32045C
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . .
TLC32044E
−20
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TLC32044I, TLC32045I
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . .
TLC32044M
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range: TLC32044C, I, TLC32045C, I
−40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . .
TLC32044M
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case temperature for 10 seconds: FN or FK package
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: N package
260
°C
. . . . . . . . . . . . . . . . . . . .
J package
300
°C
. . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: Voltage values for maximum ratings are with respect to VCC −.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC + (see Note 2)
4.75
5
5.25
V
Supply voltage, VCC − (see Note 2)
− 4.75
−5
− 5.25
V
Digital supply voltage, VDD (see Note 2)
4.75
5
5.25
V
Digital ground voltage with respect to ANLG GND, DGTL GND
0
V
Reference input voltage, Vref(ext) (see Note 2)
2
4
V
High-level input voltage, VIH
2
VDD + 0.3
V
Low-level input voltage, VIL (see Note 3)
− 0.3
0.8
V
Load resistance at OUT + and /or OUT −, RL
300
Ω
Load capacitance at OUT + and /or OUT −, CL
100
pF
MSTR CLK frequency (see Note 4)
0.075
5
10.368
MHz
Analog input amplifier common mode input voltage (see Note 5)
±1.5
V
A/D or D/A conversion rate
20
kHz
TLC32044C, TLC32045C
0
70
Operating free-air temperature, TA
TLC32044E
−20
85
°C
Operating free-air temperature, TA
TLC32044I, TLC32045I
−40
85
°C
TLC32044M
−55
125
NOTES:
2. Voltages at analog inputs and outputs, REF, VCC +, and VCC −, are with respect to the ANLG GND terminal. Voltages at digital inputs
and outputs and VDD are with respect to the DGTL GND terminal.
3. The algebraic convention, in which the least positive (most negative) value is designated minimum, is used in this data sheet for
logic voltage levels and temperature only.
4. The bandpass switched-capacitor filter (SCF) specifications apply only when the low-pass section SCF clock is 288 kHz and the
high-pass section SCF clock is 8 kHz. If the low-pass SCF clock is shifted from 288 kHz, the low-pass roll-off frequency will shift
by the ratio of the low-pass SCF clock to 288 kHz. If the high-pass SCF is shifted from 8 kHZ, the high-pass roll-off frequency will
shift by the ratio of the high-pass SCF clock to 8 kHz. Similarly, the low-pass switched-capacitor filter (SCF) specifications apply only
when the SCF clock is 288 kHz. If the SCF clock is shifted from 288 kHz, the low-pass roll-off frequency will shift by the ratio of the
SCF clock to 288 kHz.
5. This range applies when (IN + − IN −) or (AUX IN + − AUX IN −) equals
± 6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com