Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC32044MFKB Datasheet(PDF) 22 Page - Texas Instruments

Part # TLC32044MFKB
Description  VOICE-BAND ANALOG INTERFACE CIRCUITS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC32044MFKB Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLC32044MFKB Datasheet HTML 18Page - Texas Instruments TLC32044MFKB Datasheet HTML 19Page - Texas Instruments TLC32044MFKB Datasheet HTML 20Page - Texas Instruments TLC32044MFKB Datasheet HTML 21Page - Texas Instruments TLC32044MFKB Datasheet HTML 22Page - Texas Instruments TLC32044MFKB Datasheet HTML 23Page - Texas Instruments TLC32044MFKB Datasheet HTML 24Page - Texas Instruments TLC32044MFKB Datasheet HTML 25Page - Texas Instruments TLC32044MFKB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
TLC32044C, TLC32044E, TLC32044I, TLC32044M, TLC32045C, TLC32045I
VOICE-BAND ANALOG INTERFACE CIRCUITS
SLAS017F − MARCH 1988 − REVISED MAY 1995
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D/A channel signal-to-distortion ratio (see Note 7)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VI = − 6 dB to 0 dB
58
VI = − 12 dB to − 6 dB
58
VI = − 18 dB to − 12 dB
56
D/A channel signal-to-distortion ratio, TLC32044C, TLC32044E, TLC32044I,
VI = − 24 dB to − 18 dB
50
D/A channel signal-to-distortion ratio, TLC32044C, TLC32044E, TLC32044I,
TLC32044M
VI = − 30 dB to − 24 dB
44
TLC32044M
VI = − 36 dB to − 30 dB
38
VI = − 42 dB to − 36 dB
32
VI = − 48 dB to − 42 dB
26
VI = − 54 dB to − 48 dB
20
dB
VI = − 6 dB to 0 dB
55
dB
VI = − 12 dB to − 6 dB
55
VI = − 18 dB to − 12 dB
53
VI = − 24 dB to − 18 dB
47
D/A channel signal-to-distortion ratio, TLC32045C, TLC32045I
VI = − 30 dB to − 24 dB
41
D/A channel signal-to-distortion ratio, TLC32045C, TLC32045I
VI = − 36 dB to − 30 dB
35
VI = − 42 dB to − 36 dB
29
VI = − 48 dB to − 42 dB
23
VI = − 54 dB to − 48 dB
17
NOTE 7: The test condition VI is a 1-kHz input signal with an 8-kHz conversion rate (0 dB relative to Vref). The load impedance for the DAC is
600
Ω (300 Ω for TLC32044M).
gain and dynamic range
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Absolute transmit gain tracking error while transmitting
into 600
Ω
− 48-dB to 0-dB signal range,
See Note 8
±0.05 ±0.15
dB
Absolute transmit gain tracking error while transmitting
into 300
Ω, TLC32044M
− 48-dB to 0-dB signal range,
See Note 8
TA = 25°C,
±0.05 ±0.25
dB
Absolute transmit gain tracking error while transmitting
into 300
Ω, TLC32044M
− 48-dB to 0-dB signal range,
TA = − 55°C to 125°C,
See Note 8
±0.4
dB
Absolute receive gain tracking error
− 48-dB to 0-dB signal range,
See Note 8
±0.05 ±0.15
dB
Absolute receive gain tracking error, TLC32044M
− 48-dB to 0-dB signal range,
See Note 8
TA = 25°C,
±0.05 ±0.25
dB
Absolute receive gain tracking error, TLC32044M
− 48-dB to 0-dB signal range,
TA = − 55°C to 125°C,
See Note 8
±0.4
dB
Absolute gain of the A/D channel
Signal input is a − 0.5-dB,
1-kHz sinewave
0.2
dB
Absolute gain of the D/A channel
Signal input is a 0-dB,
1-kHz sinewave
− 0.3
dB
† All typical values are at TA = 25°C.
NOTE 8: Gain tracking is relative to the absolute gain at 1 kHz and 0 dB (0 dB relative to Vref).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com