Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC32044MFKB Datasheet(PDF) 38 Page - Texas Instruments

Part # TLC32044MFKB
Description  VOICE-BAND ANALOG INTERFACE CIRCUITS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC32044MFKB Datasheet(HTML) 38 Page - Texas Instruments

Back Button TLC32044MFKB Datasheet HTML 31Page - Texas Instruments TLC32044MFKB Datasheet HTML 32Page - Texas Instruments TLC32044MFKB Datasheet HTML 33Page - Texas Instruments TLC32044MFKB Datasheet HTML 34Page - Texas Instruments TLC32044MFKB Datasheet HTML 35Page - Texas Instruments TLC32044MFKB Datasheet HTML 36Page - Texas Instruments TLC32044MFKB Datasheet HTML 37Page - Texas Instruments TLC32044MFKB Datasheet HTML 38Page - Texas Instruments TLC32044MFKB Datasheet HTML 39Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 38 / 39 page
background image
TLC32044C, TLC32044E, TLC32044I, TLC32044M, TLC32045C, TLC32045I
VOICE-BAND ANALOG INTERFACE CIRCUITS
SLAS017F − MARCH 1988 − REVISED MAY 1995
38
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
CLKOUT
FSX
DX
FSR
DR
CLKR
CLKX
MSTR CLK
FSX
DX
FSR
DR
SHIFT CLK
TMS(SMJ)32020/C25
TLC32044/TLC32045
VCC +
REF
ANLG GND
VCC −
VDD
DGTL GND
BAT 42†
C
C
C
−5 V
5 V
0.1
µF
D
A
C = 0.2
µF, Ceramic
5 V
Figure 27. AIC Interface to the TMS(SMJ)32020/C25 Showing Decoupling Capacitors and Schottky Diode†
† Thomson Semiconductors
D
VCC
R
TL431
500
Ω
2500
Ω
0.01
µF
3-V Output
For:
VCC = 12 V, R = 7200 Ω
VCC = 10 V, R = 5600 Ω
VCC = 5 V, R = 1600 Ω
Figure 28. External Reference Circuit For TLC32044/TLC32045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com