Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC32044MFKB Datasheet(PDF) 23 Page - Texas Instruments

Part # TLC32044MFKB
Description  VOICE-BAND ANALOG INTERFACE CIRCUITS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC32044MFKB Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLC32044MFKB Datasheet HTML 19Page - Texas Instruments TLC32044MFKB Datasheet HTML 20Page - Texas Instruments TLC32044MFKB Datasheet HTML 21Page - Texas Instruments TLC32044MFKB Datasheet HTML 22Page - Texas Instruments TLC32044MFKB Datasheet HTML 23Page - Texas Instruments TLC32044MFKB Datasheet HTML 24Page - Texas Instruments TLC32044MFKB Datasheet HTML 25Page - Texas Instruments TLC32044MFKB Datasheet HTML 26Page - Texas Instruments TLC32044MFKB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
TLC32044C, TLC32044E, TLC32044I, TLC32044M, TLC32045C, TLC32045I
VOICE-BAND ANALOG INTERFACE CIRCUITS
SLAS017F − MARCH 1988 − REVISED MAY 1995
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
power supply rejection and crosstalk attenuation
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VCC + or VCC − supply voltage rejection
f = 0 to 30 kHz
Idle channel, supply signal at 200 mV
30
VCC + or VCC − supply voltage rejection
ratio, receive channel
f = 30 kHz to 50 kHz
Idle channel, supply signal at 200 mV
p-p measured at DR (ADC output)
45
VCC + or VCC − supply voltage rejection
f = 0 to 30 kHz
Idle channel, supply signal at 200 mV
30
VCC + or VCC − supply voltage rejection
ratio, transmit channel (single ended)
f = 30 kHz to 50 kHz
Idle channel, supply signal at 200 mV
p-p measured at OUT +
45
dB
Crosstalk attenuation, transmit-to-receive
(single ended)
TLC3204xC, E, I
80
dB
Crosstalk attenuation, transmit-to-receive
(single ended)
TLC32044M
65
80
Crosstalk attenuation, receive-to-transmit, TLC32044M
Inputs grounded,
Gain = 1, 2, 4
65
† All typical values are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com